Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9701ACFT/V Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM9701ACFT/V
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701ACFT/V Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM9701ACFT/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9701ACFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
WM9701A
Production Data
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
20
PR1 = 1
PR2 = 1
PR4 = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2
OR PR3
DIGITAL I/F
OFF PR4
WARM RESET
PR1 = 0 AND
DAC = 1
PR2 = 0 AND
ANL = 1
SHUT OFF
CODA LINK
Figure 13 WM9701A Power Down/Flow with Analogue Still Alive
Figure 13 illustrates a state when all the mixers should work with the static volume settings that are
contained in their associated registers. This is used when the user could be playing a CD (or
external LINE_IN source) through WM9701A to the speakers but have most of the system in low
power mode. The procedure for this follows the previous except that the analogue mixer is never
shut down.
POWERDOWN CONTROL/STATUS REGISTER (INDEX 26H)
Also when RESETB pin is asserted low, all PR bits are over-ridden and the entire device is powered
off to ultra low power state for as long as RESETB = low. On releasing RESETB, the device is reset
(all active) and powered up.
RESERVED REGISTERS (INDEX 28h - 58h)
These registers are reserved by AC’97 and have no function on WM9701A.
VENDOR RESERVED REGISTERS (INDEX 5AH - 7Ah)
These are reserved for future use and are vendor specific. Do not write to these registers unless the
Vendor ID register has been checked first to ensure that the driver knows the source of the AC’97
component. Values stored in this register are used to provide test modes for the manufacturer.
VENDOR SPECIFIC GAIN CONTROL REGISTERS – (INDEX 70H TO 74H)
Not used in the WM9701A.
VENDOR ID REGISTERS (INDEX 7Ch - 7Eh)
This register is for specific vendor identification if so desired. The ID method is Microsoft’s Plug and
Play Vendor ID code. The first character of that ID is F7 to F0, the second character S7 to S0 and
the third T7 to T0. These three characters are ASCII encoded. The REV7 to REV0 field is for the
Vendor Revision number. In WM9701A the vendor ID is set to WML0.
Wolfson is a registered Microsoft Plug and Play vendor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com