Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704Q Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM9704Q
Description  4-Channel Surround Sound Codec
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704Q Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM9704Q Datasheet HTML 9Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 10Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 11Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 12Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 13Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 14Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 15Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 16Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Production Data
WM9704Q
WOLFSON MICROELECTRONICS LTD
PD Rev 2.3 January 2001
13
REVISION 2.1 COMPLIANT 2-CHANNEL MODE
Features in this mode are as follows:
•
Vendor ID reads back as WML3.
•
2 channels of ADC and DAC conversion provided, with all recommended audio and modem
sample rates supported via the audio sample rate registers 2Ch and 32h.
•
Master/slave ID0/1 are supported.
•
Headphone/line level outputs duplicating the main outputs, are supported, with gain control
from register 04h.
•
Wolfson 3D stereo enhanced sound supported.
•
Master volume control register maps to the location dependant on selected ID: (ID 00 or 01
uses master volume at register 02h, ID 10 uses 38h (surround volume) and ID11 uses 36h
(LFE, Centre volume).
GPIO PINS AND I
2S MODE
The AC’97 Revision 2.1 specification allows for provision of programmable IO pins, up to 16 in
number. Within the 48-pin TQFP package used, provision has been made for 3 pins to be used as
GPIO pins. These pins (numbers 43, 44, 48) are also used as I
2S output pins to support multi-
channel operation.
When used as GPIO pins, the pins 43, 44, 48 are mapped respectively onto the bits 11,12,13 in the
AC-link slot 12. These optional locations may be configured in any way: as inputs or outputs,
supporting interrupt operation etc, offering maximum flexibility to the user. The appropriate GPIO
control registers are supported to control these pins.
When used as I2S pins, pin 43 becomes the shared LRCLK, with frequency fixed at 48kHz. Pins 44
and 48 become the output data, clocked out at the BITCLK rate. Thus to connect an external DAC,
configure it in I2S mode:
•
Connect BITCLK signal from the WM9704Q to the SCLK on the DAC.
•
Connect BITCLK from the AC’97 to BCLK on the DAC.
•
Connect pin 43 from the WM9704Q to the LRCLK on the DAC.
•
Connect one of the two data pins 44 or 48 on WM9704Q to the SDATA pin on the DAC.
Note that the DAC must support serial interface data rates at up to 12.5MHz (Wolfson DACs such as
the WM8725 and WM8733 support this).
I2S is enabled when GPIO is not enabled (GPIO Bit 0 = 0, PRA = 1 in register 3Eh) and vendor
specific I2S (bit 7) in register 5Ah is set.
The following table shows the connections to a typical I
2S compatible stereo DAC (e.g. WM8725).
WM9704Q CONNECTION
I
2S DAC CONNECTION
BITCLK
SCLK
BITCLK
BLCK
Pin 43 – GPIO1
LRCLK
SDATA on other external DAC
FORMAT pin - connect for I
2S mode
Pin 44 – GPIO2 (surround data in ID00)
DEEMPH (if provided) - disable
Pin 48 – GPIO3 (LFE/centre data in ID00)
SDATA on external DAC
Table 2 Connection to External I
2S DACs
Configuration of these pins as GPIO is described in the control interface description.
3D STEREO ENHANCEMENT
This device contains a stereo enhancement circuit, designed to optimise the listening experience
when the device is used in a typical PC operating environment. That is, with a pair of speakers
placed either side of the monitor with little spatial separation. This circuit creates a difference signal
by differencing left and right channel playback data, then filters this difference signal using lowpass
and highpass filters whose time constants are set using external capacitors connected to the CX3D
pins 33 and 34. Typically the values of 100nF and 47nF set highpass and lowpass poles at about
100Hz and 1kHz respectively. This frequency band corresponds to the range over which the ear is
most sensitive to directional effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com