Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9704Q Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM9704Q
Description  4-Channel Surround Sound Codec
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704Q Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM9704Q Datasheet HTML 17Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 18Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 19Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 20Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 21Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 22Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 23Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 24Page - Wolfson Microelectronics plc WM9704Q Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Production Data
WM9704Q
WOLFSON MICROELECTRONICS LTD
PD Rev 2.3 January 2001
21
SLOT 10: OPTIONAL MODEM LINE2 CODEC
Slot 10 is not supported.
SLOT 11: HANDSET DAC
Slot 11 is not supported.
SLOT 12: GPIO CONTROL
Data in this slot is applied to the GPIO pins, if they have been enabled via the control registers.
Note that only bits 11, 12 and 13 are supported, all others are ignored.
AC-LINK AUDIO INPUT FRAME (SDATA_IN)
SYNC
BIT_CLK
SDATA_IN
CODEC
READY
SLOT(1)
SLOT(2)
SLOT(12)
’0’
’0’
’0’
19
0
19
0
19
0
19
0
TAG PHASE
DATA PHASE
20.8
µS (48kHz)
12.288MHz
81.4nS
END OF PREVIOUS
AUDIO FRAME
TIME SLOT ’VALID’ BITS
(’1’ = TIME SLOT CONTAINS
VALID PCM DATA)
SLOT (1)
SLOT (2)
SLOT (3)
SLOT (12)
Figure 11 AC-link Audio Input Frame
The audio input frame data streams correspond to the multiplexed bundles of all digital input data
targeting the AC’97 controller. As is the case for audio output frame, each AC-link audio input frame
consists of 12, 20-bit time slots.
Slot 0 is a special reserved time slot containing 16-bits, which are used for AC-link protocol
infrastructure.
Within slot 0 the first bit is a global bit (SDATA_IN slot 0, bit 15) which flags whether the WM9704Q
is in the Codec Ready state or not. If the Codec Ready bit is a 0, this indicates that the WM9704Q is
not ready for normal operation. This condition is normal following the desertion of power on reset for
example, while the WM9704Q’s voltage references settle. When the AC-link Codec Ready indicator
bit is a 1, it indicates that the AC-link and the WM9704Q control and status registers are in a fully
operational state. The AC’97 controller must further probe the Powerdown Control/Status Register to
determine exactly which subsections, if any, are ready.
Prior to any attempts at putting the WM9704Q into operation the AC’97 controller should poll the first
bit in the audio input frame (SDATA_IN slot 0, bit 15) for an indication that the WM9704Q has gone
Codec Ready.
Once the WM9704Q is sampled Codec Ready then the next 12 bit positions sampled by the AC’97
controller indicate which of the corresponding 12 time slots are assigned to input data streams, and
that they contain valid data. Figure 11 illustrates the time slot based AC-link protocol.
There are several subsections within the WM9704Q that can independently go busy/ready. It is the
responsibility of the WM9704Q controller to probe more deeply into the WM9704Q register file to
determine which the WM9704Q subsections are actually ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com