Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS709 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ACS709
Description  High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS709 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ACS709 Datasheet HTML 8Page - Allegro MicroSystems ACS709 Datasheet HTML 9Page - Allegro MicroSystems ACS709 Datasheet HTML 10Page - Allegro MicroSystems ACS709 Datasheet HTML 11Page - Allegro MicroSystems ACS709 Datasheet HTML 12Page - Allegro MicroSystems ACS709 Datasheet HTML 13Page - Allegro MicroSystems ACS709 Datasheet HTML 14Page - Allegro MicroSystems ACS709 Datasheet HTML 15Page - Allegro MicroSystems ACS709 Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
High Bandwidth, Fast Fault Response Current Sensor IC
In Thermally Enhanced Package
ACS709
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
6. This curve shows VCC charging external capacitor COC
through the internal PMOS pull-up. The slope is determined
by COC.
7. When the FAULT_EN pin is brought low, if the fault condi-
tion still exists, the latched ¯F¯¯A¯¯U¯¯L¯¯T¯ pin will stay low until
the fault condition is removed, then it will start resetting.
8. At this point there is a fault condition, and the part is enabled
before the ¯F¯¯A¯¯U¯¯L¯¯T¯ pin can charge to VCC. This shortens the
user-set delay, so the fault is latched earlier. The new delay
time can be calculated by equation 1, after substituting the
voltage seen on the ¯F¯¯A¯¯U¯¯L¯¯T¯ pin for VCC.
Chopper Stabilization Technique
Chopper Stabilization is an innovative circuit technique that is
used to minimize the offset voltage of a Hall element and an asso-
ciated on-chip amplifier. Allegro patented a Chopper Stabiliza-
tion technique that nearly eliminates Hall IC output drift induced
by temperature or package stress effects. This offset reduction
technique is based on a signal modulation-demodulation process.
Modulation is used to separate the undesired dc offset signal from
the magnetically induced signal in the frequency domain. Then,
using a low-pass filter, the modulated DC offset is suppressed
while the magnetically induced signal passes through the filter.
As a result of this chopper stabilization approach, the output
voltage from the Hall IC is desensitized to the effects of tempera-
ture and mechanical stress. This technique produces devices that
have an extremely stable Electrical Offset Voltage, are immune to
thermal stress, and have precise recoverability after temperature
cycling.
This technique is made possible through the use of a BiCMOS
process that allows the use of low-offset and low-noise amplifiers
in combination with high-density logic integration and sample
and hold circuits.
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter
Concept of Chopper Stabilization Technique



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com