Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS709 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS709
Description  High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS709 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS709 Datasheet HTML 1Page - Allegro MicroSystems ACS709 Datasheet HTML 2Page - Allegro MicroSystems ACS709 Datasheet HTML 3Page - Allegro MicroSystems ACS709 Datasheet HTML 4Page - Allegro MicroSystems ACS709 Datasheet HTML 5Page - Allegro MicroSystems ACS709 Datasheet HTML 6Page - Allegro MicroSystems ACS709 Datasheet HTML 7Page - Allegro MicroSystems ACS709 Datasheet HTML 8Page - Allegro MicroSystems ACS709 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High Bandwidth, Fast Fault Response Current Sensor IC
In Thermally Enhanced Package
ACS709
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
IP(LIN)
(A)
Sens
(Typ at VCC = 5 V)
(mV/A)
TA
(°C)
Packing*
ACS709LLFTR-35BB-T
75
28
–40 to 150
Tape and Reel, 2500 pieces per reel
ACS709LLFTR-20BB-T
37.5
56
*Contact Allegro for packing options.
the open drain Overcurrent Fault pin will transition to a logic low
state. Factory programming of the linear Hall sensor IC inside of
the ACS709 results in exceptional accuracy in both analog and
digital output signals.
The internal resistance of the copper path used for current sensing is
typically 1.1 mΩ, for low power loss. Also, the current conduction
path is electrically isolated from the low voltage device inputs and
outputs. This allows the ACS709 family of sensor ICs to be used
in applications requiring electrical isolation, without the use of
opto-isolators or other costly isolation techniques.
Applications include:
• Motor control and protection
• Load management and overcurrent detection
• Power conversion and battery monitoring / UPS systems
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
8V
Filter Pin
VFILTER
8V
Analog Output Pin
VIOUT
32
V
Overcurrent Input Pin
VOC
8V
Overcurrent ¯F¯¯A¯U¯¯L¯¯T¯ Pin
V¯F¯¯A¯U¯¯L¯¯T¯
8V
Fault Enable (FAULT_EN) Pin
VFAULTEN
8V
Voltage Reference Output Pin
VZCR
8V
DC Reverse Voltage: Supply Voltage, Filter, Analog
Output, Overcurrent Input, Overcurrent Fault, Fault
Enable, and Voltage Reference Output Pins
VRdcx
–0.5
V
Isolation Voltage
VISO
60 Hz AC, TA = 25°C, 1 minute
2100
VAC
Output Current Source
IIOUT(Source)
3mA
Output Current Sink
IIOUT(Sink)
1mA
Operating Ambient Temperature
TA
Range L
–40 to 150
°C
Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com