Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM9707CFT/V Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # XM9707CFT/V
Description  AC97 Revision 2.1 Audio Codec with Spdif Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XM9707CFT/V Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button XM9707CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Advanced Information
WM9707
WOLFSON MICROELECTRONICS LTD
AI Rev 2.2 January 2001
29
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 to C4
10nF
De-coupling for DVDD and AVDD
C5 to C17
470nF
AC coupling capacitors for setting DC level of analogue inputs to VCAP1.
Value chosen to give corner frequency below 20Hz for min 10K input impedance.
C18
1
µF
C19
0.1
µF
C20
10
µF
C21
0.1
µF
C22
10
µF
Reference de-coupling capacitors for ADC, DAC, Mixer and CAP2 references.
Ceramic type or similar.
C23
100nF
3D low pass filter. This value sets nominal 100Hz.
C24
47nF
3D high pass filter. This value sets nominal 1kHz.
C25 to C29
10
µF
Output AC coupling caps to remove VREF DC level from outputs.
C30 and C31
22pF
Optional capacitors for better crystal frequency stability.
XT
24.576 MHz
AC’97 master clock frequency. A bias resistor is not required, but if connected will not
affect operation if value is large (above 1M
Ω).
Table 18 External Component Values
Figure 18 Suggested SPDIF Output Circuit
RECOMMENDATIONS FOR 3.3V OPERATION
The device’s performance with AVDD = 3.3V is shown in Electrical Characteristics.
In 3.3V analogue operation, mid-rail reference scales to 1.5V. All ADC and DAC references are 3/5
ths
of their nominal 5V value. Input and output signals that are 1Vrms in 5V applications, scale to
660mVrms in 3.3V applications. If 1Vrms output is required, the mixer gain adjust PGAs need to be
increased by 3 times 1.5dB steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com