Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM9707CFT/V Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # XM9707CFT/V
Description  AC97 Revision 2.1 Audio Codec with Spdif Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

XM9707CFT/V Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button XM9707CFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc XM9707CFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
WM9707
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.2 January 2001
30
PACKAGE DIMENSIONS
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM.
D. MEETS JEDEC.95 MS-026, VARIATION = BBC. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM003.B
FT: 48 PIN TQFP (7 x 7 x 1.4 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.60
A1
0.05
-----
0.15
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
c
0.09
-----
0.20
D
9.00 BSC
D1
7.00 BSC
E
9.00 BSC
E1
7.00 BSC
e
0.50 BSC
L
0.45
0.60
0.75
θ
0
o
3.5
o
7
o
Tolerances of Form and Position
ccc
0.08
REF:
JEDEC.95, MS-026
25
36
e
b
12
1
D1
D
E1
E
13
24
37
48
A A2
A1
SEATING PLANE
ccc C
-C-
θ
c
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com