Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG1844L/DESC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG1844L/DESC
Description  CURRENT MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1844L/DESC Datasheet(HTML) 1 Page - Microsemi Corporation

  SG1844L/DESC Datasheet HTML 1Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 2Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 3Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 4Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 5Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 6Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 7Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 8Page - Microsemi Corporation SG1844L/DESC Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
P RODU C T ION D AT A S HEET
T HE
I NFI N ITE
P OW E R
O F
I N NOVATIO N
L IN F IN IT Y M IC RO EL E C TRO N IC S I NC .
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
1
Copyright
© 2000
Rev. 1.6c,2006-02-02
SG1844/SG1845 Series
C URRENT M ODE PWM C ONTRO L LER
DESCRIPTION
The
SG1844/45
family
of
control
ICs
provides
all
the
necessary
features
to
implement off-line fixed frequency, current-
mode switching power supplies with a
minimum number of external components.
Current-mode
architecture
demonstrates
improved line regulation, improved load
regulation, pulse-by pulse current limiting
and inherent protection of the power supply
output switch.
The bandgap reference is
trimmed to ±1% over temperature. Oscillator
discharge current is trimmed to less than
±10%. The SG1844/45 has undervoltage
lockout, current-limiting circuitry
and start-up current of less than 1mA. The
totem-pole output is optimized to drive the
gate of a power MOSFET. The output is low
in the off state to provide direct interface to
an N-channel device. Both operate up to a
maximum duty cycle range of zero to <50%
due to an internal toggle flip-flop which
blanks the output off every other clock
cycle. The SG1844/45 is specified for
operation over the full military ambient
temperature range of -55°C to 125°C. The
SG2844/45 is specified for the industrial
range of -25°C to 85°C, and the SG3844/45
is designed for the commercial range of 0°C
to 70°C.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT H I GHLIGHT
AC
INPUT
SG3844
R
ST
I
ST
V
CC
K EY FE AT UR ES
OPTIMIZED FOR OFF-LINE
CONTROL
LOW START-UP CURRENT
(<1mA)
AUTOMATIC FEED FORWARD
COMPENSATION
TRIMMED OSCILLATOR
DISCHARGE CURRENT
PULSE-BY-PULSE CURRENT
LIMITING
ENHANCED LOAD RESPONSE
CHARACTERISTICS
UNDER-VOLTAGE LOCKOUT
WITH 6V HYSTERESIS
(SG1844 only)
DOUBLE PULSE
SUPPRESSION
HIGH-CURRENT TOTEM-POLE
OUTPUT
INTERNALLY TRIMMED
BANDGAP REFERENCE
500kHz OPERATION
UNDERVOLTAGE LOCKOUT
SG1844 - 16 volts SG1845 - 8.4
volts
LOW SHOOT-THROUGH
CURRENT <75mA OVER
TEMPERATURE
HIGH RELI A B I LI TY
FE AT URES
AVAILABLE TO MIL-STD-883B
LINFINITY LEVEL "S"
PROCESSING AVAILABLE
PACKAGE ORDER INFO
M
Plastic DIP
8-Pin
N
Plastic DIP
14-Pin
DM
Plastic SOIC
8-Pin
D
Plastic SOIC
14-Pin
Y
Ceramic Dip
8-Pin
J
Ceramic DIP
14-Pin
F
Cer Flatpack
10-Pin
L
Ceramic LCC
20-Pin
TA (°C)
RoHS Compliant / Pb-free
Transition DC: 0503
RoHS Compliant / Pb-free
Transition DC:0440
SG3844M
SG3844N
SG3844DM
SG3844D
SG3844Y
SG3844J
0 to 70
SG3845M
SG3845N
SG3845DM
SG3845D
SG3845Y
SG3845J
SG2844M
SG28424N
SG2844DM
SG2842D
SG2844Y
SG2844J
-25 to 85
SG2845M
SG2845N
SG2845DM
SG2845D
SG2845Y
SG2845J
SG1844Y
SG1844J
SG1844L
-55 to
125
SG1845Y
SG1845J
SG1845L
SG1842Y/883B
SG1844J/883B
SG1844L/883B
MIL-
STD/883
SG1845Y/883B
SG1845J/883
SG1845L/883B
DESC
SG1844Y/DESC
SG1844J/DESC
SG1844F/DESC SG1844L/DESC
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LXSG3844N-TR)


Similar Part No. - SG1844L/DESC

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1844L/DESC MICROSEMI-SG1844L/DESC Datasheet
216Kb / 12P
CURRENT MODE PWM CONTROLLER
More results

Similar Description - SG1844L/DESC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com