Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # LL4148
Description  FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

LL4148 Datasheet(HTML) 3 Page - Won-Top Electronics

  LL4148 Datasheet HTML 1Page - Won-Top Electronics LL4148 Datasheet HTML 2Page - Won-Top Electronics LL4148 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N4148 / LL4148
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
1N4148-T3
DO-35
10000/Tape & Reel
1N4148-TB
DO-35
5000/Tape & Box
1N4148
DO-35
1000 Units/Box
LL4148-T1
MiniMELF
2500/Tape & Reel
LL4148-T3
MiniMELF
10000/Tape & Reel
Products listed in bold are WTE Preferred devices.
!T1 suffix refers to a 7” reel. T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order quantity,
please consult the Sales Department.
RECOMMENDED FOOTPRINT (MiniMELF)
0.043 MIN
(1.10 MIN)
0.106 MIN
(2.70 MIN)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
0.067 MIN
(1.70 MIN)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com