Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # LL4148
Description  FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

LL4148 Datasheet(HTML) 1 Page - Won-Top Electronics

  LL4148 Datasheet HTML 1Page - Won-Top Electronics LL4148 Datasheet HTML 2Page - Won-Top Electronics LL4148 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4148 / LL4148
1 of 3
© 2002 Won-Top Electronics
1N4148 / LL4148
FAST SWITCHING DIODE
Features
!
Fast Switching Speed
!
Glass Package Version for High Reliability
A
B
A
A
!
High Conductance
!
Available in Both Through-Hole and Surface
B
Mount Versions
C
                       D
C
1N4148
LL4148
Mechanical Data
!
Case: DO-35, MiniMELF
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight:
DO-35
0.13 grams
MiniMELF 0.05 grams
!
Marking: Cathode Band Only
Maximum Ratings @T
A=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 1)
IFM
300
mA
Rectified Current (Average), Half Wave Rectification with
Resistive Load and f
 50MHz (Note 1)
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0s
@ t = 1.0µs
IFSM
1.0
2.0
A
Power Dissipation (Note 1)
Derate Above 25°C
Pd
500
1.68
mW
mW/°C
Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
300
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +175
°C
WTE
POWER SEMICONDUCTORS
DO-35
Dim
Min
Max
A
25.40
—
B
—4.00
C
—0.60
D
—2.00
All Dimensions in mm
MiniMELF
Dim
MIn
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4148 DIODES-LL4148 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
Fast Switching Diode
06-Feb-04
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
Fast Switching Diode
logo
Infineon Technologies A...
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E120 INFINEON-IDP30E120_09 Datasheet
665Kb / 8P
Fast Switching Diode
Rev.2.3 2009-08-19
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
Fast switching diode
Edition 2.1, 09.03.2010
SIDC112D170H INFINEON-SIDC112D170H Datasheet
112Kb / 4P
Fast switching diode
Edition 0.9, 22.02.2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com