Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF157FL Datasheet(PDF) 3 Page - Microsemi Corporation

Part # VRF157FL
Description  RF POWER VERTICAL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF157FL Datasheet(HTML) 3 Page - Microsemi Corporation

  VRF157FL Datasheet HTML 1Page - Microsemi Corporation VRF157FL Datasheet HTML 2Page - Microsemi Corporation VRF157FL Datasheet HTML 3Page - Microsemi Corporation VRF157FL Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
10-5
10-4
10-3
10-2
0.1
1
10
RF
Input
L3
L1
L2
Output
C14
C10
C13
C12
C15
C16
L6
C6
C5
C9
C4
C8
C7
C1, C2, C6, C7 ARCO 465 mica trimmer
C3 1800pF ATC700B ceramic
C4 680pF metal clad 500V mica
C5 390pF metal clad 500V mica
C8 100pF ATC 700E ceramic
C9 120pF ATC 700E ceramic
C10 - C13 .01uF 100V ceramic SMT
C14 - C16 .1uF 100V ceramic SMT
L1 110nH 4t #22 0.312"d .30"l
L2 29nH 2t #22 .188" dia .10" l
L3 0.3uH - 6t #16 enam. .5" dia.
L4 22nH - 1t #16 enam. .375" dia.
L5 117nH - 3t #16 enam. .5" dia. .3"l
L6 1t #16 on 2x 267300081 .5" bead
R1-R2 1kW 1/4W
R3 10W 1/4W
50V
Vbias
C1
C2
C3
C11
R1
R2
R3
L4
L5
30MHz Test Circuit
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
t1 = Pulse Duration
RECTANGULAR PULSE DURATION (seconds)
Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
0
200
400
600
800
1000
1200
0
5
10
15
20
0
200
400
600
800
1000
1200
0
10
20
30
40
50
60
70
80
P
out, INPUT POWER (WATTS PEP)
Figure 6. P
OUT versus PIN
P
out, INPUT POWER (WATTS PEP)
Figure 7. P
OUT versus PIN
50V
40V
Freq=30MHz
Freq=65MHz
50V
40V
Figure 8.
0.3
D = 0.9
0.7
SINGLE PULSE
0.5
0.1
0.05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com