Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF157FL Datasheet(PDF) 4 Page - Microsemi Corporation

Part # VRF157FL
Description  RF POWER VERTICAL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF157FL Datasheet(HTML) 4 Page - Microsemi Corporation

  VRF157FL Datasheet HTML 1Page - Microsemi Corporation VRF157FL Datasheet HTML 2Page - Microsemi Corporation VRF157FL Datasheet HTML 3Page - Microsemi Corporation VRF157FL Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VRF157FL
PIN 1 - DRAIN
PIN 2 - SOURCE
PIN 3 - SOURCE
PIN 4 - GATE
1.000
.500
.150r
.500
.466
.750
1.500
1.250
.300
.200
.250
.250
.005 .040
.125d
1
2
4
3
D
S
G
D2
R10
R1
C3
R12
C7
D.U.T.
22p F
T1
C9
L1
L2
C14
R14
R15
C8
D.U.T.
C13
50V
OUTPUT
R14
+
-
C10
C11
C12
T2
BIAS 36-50V
-
+
R4
R5
R2
R6
R11
R13
D3
C1
R7
R3
D1
C2
R8
C4
R9
3
2
4
5
6
7
13
11
12
10
C1 - 1000pF Ceramic
C2, C3, C4 -0.1μF Ceramic Disc Capacitor
C5 - 0.01μF Ceramic Chip Capacitor
C6, C12 - 0.1μF Ceramic Chip Capacitor
C7, C8 - Two 2200 pF Ceramic Chip Capacitors in
Parallel
C9 - 820pF Ceramic Chip Capacitor
C10, C1 1 - 1000pF Ceramic Chip Capacitor
C13 - 0.47μF Ceramic Chip Capacitor or Two Smaller
Values in Parallel
C14 - Unencapsulated Mica, 500V Two 1000pF Units
in Series, Mounted Under T2
D1 - IN5357A or Equivalent
D2, D3 - IN4148 or Equivalent
C1 - MC1723 (723) Voltage Regulator
L1, L2 - 15 ηH Connecting Wires to R14 and R15,
2.5cm Each #20 AWG
L3 - 10μH, 10 Turns #12 AWG Enameled Wire on
Fair-Rite Products Corp. Ferrite Toroid
#5961000401 or Equivalent
R1, R2 - 1.0K Single Turn Trimpots
R3 - 10K Single Turn Trimpot
R4 - 470 Ohms, 2.0 Watts
R5 - 10 Ohms
R6, R12, R13 - 2.0K Ohms
R7 - 10K Ohms
R8 - Exact Value Depends on Thermistor R9 used
(Typically 5.0 - 10K)
R9 - Thermistor, Keystone RL1009-5820-97-D1 or
Equivalent
R10, R11 - 100 Ohms, 1.0W Carbon
R14, R15 - EMC Technology Model 5308 or KDI
Pyrofilm PPR 970-150-3 Power
Resistors, 25 Ohms
T1, T2 - 9:1 and 1:9 Impedance Ratio RF
Transformers
Unless otherwise noted, all resistors are 1/2 watt metal film type. All chip capacitors except C13 are ATC type 100/200B or Dielectric Laboratories type C17.
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.
Figure 9. 2-50MHz
1kW Wideband Amplifier
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and
mounting flange is beryllium oxide. Beryllium oxide dust
is highly toxic when inhaled. Care must be taken during
handling and mounting to avoid damage to this area.
These devices must never be thrown away with general
industrial or domestic waste.
Thermal
Considerations
and
Package
Mounting:
The rated 1350W power dissipation is only available
when the package mounting surface is at 25°C and
the junction temperature is 200°C. The thermal resis-
tance between junctions and case mounting surface
is 0.13°C/W. When installed, an additional thermal
impedance of 0.09°C/W between the package base
and the mounting surface is smooth and flat. Thermal
joint compound must be used to reduce the effects of
small surface irregularities. The heatsink should incor-
porate a copper heat spreader to obtain best results.
The lid maintains the required mounting pressure while
allowing for thermal expansion of both the device and
the heat sink. Four 6-32 (M3.5) screws provide the
minimum 125 lb. required mounting force. T=4-6 in-lb.
Please refer to App Note 1802 "Mounting Instructions
for Flangeless Packages."



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com