Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU4028BFV Datasheet(PDF) 8 Page - Rohm

Part # BU4028BFV
Description  High Voltage CMOS Logic ICs Logic>
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4028BFV Datasheet(HTML) 8 Page - Rohm

Back Button BU4028BFV Datasheet HTML 4Page - Rohm BU4028BFV Datasheet HTML 5Page - Rohm BU4028BFV Datasheet HTML 6Page - Rohm BU4028BFV Datasheet HTML 7Page - Rohm BU4028BFV Datasheet HTML 8Page - Rohm BU4028BFV Datasheet HTML 9Page - Rohm BU4028BFV Datasheet HTML 10Page - Rohm BU4028BFV Datasheet HTML 11Page - Rohm BU4028BFV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
8/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Electrical Characteristics Curves(BU4015B)
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
20
40
60
80
100
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
Fig.6 Propagation delay tPHL
RESET→Q
Fig.3 Propagation delay tPLH
CLK→Q
Fig.7Set up time tsu
Q→CLK
Fig.8 Hold time th
CLK→Q
Fig.9 Minimum CLK pulse width
Fig.4 Propagation delay tPHL
CLK→Q
Fig.5 Propagation delay tPLH
RESET→Q
VDD=3[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=5[V]
VDD=5[V]
VDD=10[V]
VDD=10[V]
VDD=16[V]
VDD=16[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
-40[℃]
25[℃]
85[℃]
VDD=5[V]
VDD=16[V]
VDD=10[V]
Fig.10Minimum RESET
pulse width
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
-40[℃]
25[℃]
85[℃]
Fig.2 Output sink
current-voltage
Fig.1 Output source
current-voltage
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
○
Switching characteristics
VDD=10[V]
VDD=15[V]
VDD=5[V]
VDD=10[V]
VDD=15[V]
VDD=5[V]
90%
50%
10%
20[ns]
20[ns]
D (入力データ)
90%
50%
10%
tsu
CLOCK
20[ns]
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
Q0 (出力データ)
tWH
tWL
20[ns]
th
VDD
GND(VSS)
VDD
GND(VSS)
VOH
VOL
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
VDD=10[V]
VDD=16[V]
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
[BU4015B/F]
D (Input data)
Q0 (Output data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com