Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU4028BFV Datasheet(PDF) 9 Page - Rohm

Part # BU4028BFV
Description  High Voltage CMOS Logic ICs Logic>
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4028BFV Datasheet(HTML) 9 Page - Rohm

Back Button BU4028BFV Datasheet HTML 5Page - Rohm BU4028BFV Datasheet HTML 6Page - Rohm BU4028BFV Datasheet HTML 7Page - Rohm BU4028BFV Datasheet HTML 8Page - Rohm BU4028BFV Datasheet HTML 9Page - Rohm BU4028BFV Datasheet HTML 10Page - Rohm BU4028BFV Datasheet HTML 11Page - Rohm BU4028BFV Datasheet HTML 12Page - Rohm BU4028BFV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Technical Note
BU4015B,BU4015BF,BU4021B,BU4021BF,
BU4094BC,BU4094BCF,BU4094BCFV,BU4538B,BU4028B
9/17
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Electrical Characteristics Curves(BU4021B)
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
Ambient Temperature [℃]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
0
10
20
30
40
50
0
5
10
15
20
Output Voltage [V]
Fig.16 Propagation delay tPHL
P/S→QS
Fig.13 Propagation delay tPLH
CLK→QS
Fig.17 Set up time tsu
Q→CLK
Fig.18 Hold time th
CLK→Q
Fig.19 Minimum CLK
pulse width
Fig.14 Propagation delay tPHL
CLK→QS
Fig.15 Propagation delay tPLH
P/S→QS
VDD=3[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=5[V]
VDD=5[V]
VDD=10[V]
VDD=10[V]
VDD=16[V]
VDD=16[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
Fig.12 Output sink
current-voltage
Fig.11 Output source
current-voltage
VDD=5[V]
VDD=16[V]
VDD=10[V]
Fig.20 Minimum P/S
pulse width
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=5[V]
VDD=16[V]
VDD=10[V]
VDD=3[V]
VDD=3[V]
VDD=5[V]
VDD=10[V]
VDD=16[V]
25[℃]
85[℃]
-40[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
-40[℃]
25[℃]
85[℃]
[BU4021B/F]
[BU4021B/F]
○
Switching characteristics
VDD=10[V]
VDD=15[V]
VDD=5[V]
VDD=10[V]
VDD=15[V]
VDD=5[V]
90%
50%
10%
20[ns]
20[ns]
90%
50%
10%
tsu
CLOCK
or
P/S
tf
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
OUTPUT
tW
tr
th
VDD
GND(VSS)
VDD
GND(VSS)
VOH
VOL
Parallel Data
or
Serial Data
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
Operating Temperature Range
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]
[BU4021B/F]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com