Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS404 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 1SS404
Description  HIGH SPEED SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1SS404 Datasheet(HTML) 2 Page - Rectron Semiconductor

  1SS404 Datasheet HTML 1Page - Rectron Semiconductor 1SS404 Datasheet HTML 2Page - Rectron Semiconductor 1SS404 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
VF,FORWARD VOLTAGE(V)
100m
1m
10m
10u
100u
1m
10m
100m
0.2
0.3
0.4
0.5
0.1
0
RATING AND CHARACTERISTICS CURVES ( 1SS404)
Figure 1
VR,REVERSE VOLTAGE(V)
0
10n
10u
1u
100n
12
8
20
24
16
4
Figure 2
20
40
60
80
100
140
120
TA,AMBIENT TEMPERATURE(V)
0
150
125
100
75
50
25
0
Figure 4
3
10
30
100
1000
300
VR,REVERSE APPLIED VOLTAGE(V)
1
10
30
100
3
1
0.3
0.1
0.03
0.01
Figure 3
Ta=100OC
75OC
50OC
25OC
0OC
-25OC
0OC
25OC
Ta=100OC
75OC
50OC
25OC
f=1MHz
Ta=25OC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com