Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS404 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 1SS404
Description  HIGH SPEED SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1SS404 Datasheet(HTML) 1 Page - Rectron Semiconductor

  1SS404 Datasheet HTML 1Page - Rectron Semiconductor 1SS404 Datasheet HTML 2Page - Rectron Semiconductor 1SS404 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH SPEED SWITCHING DIODES
FEATURES
* Small surface mounting type
* High Speed
* High reliability with high surge current handing capability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1SS404
SOD-323
MAXIMUM RATINGS (@TA=25OC unless otherwise noted)
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum DC Reverse Voltage
Non-Repetitive Peak Forward Surge Current
Operating and Storage Temperature Range
SYMBOL
1SS404
VRM
IFSM
TJ,TSTG
VR
Volts
O
C
mAmps
mAmps
-55~+125
Maximum Average Forward Rectified Current
IO
UNITS
25
Volts
20
300
700
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Reverse voltage leakage current (VR=20V)
Forward voltage Pulse Tesx tp<300us,d<2% (IF=10mA)
(IF=1mA)
(IF=300mA)
Capacitance between terminals (VR=0,f=1MHz)
CHARACTERISTICS
SYMBOL
UNITS
50
-
-
0.45
0.16
0.22
0.38
-
uA
V
pF
IR
VF
CT
MAX.
-
46
TYP.
-
-
-
MIN.


Similar Part No. - 1SS404

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
logo
Toshiba Semiconductor
1SS404 TOSHIBA-1SS404 Datasheet
120Kb / 3P
Silicon Epitaxial Schottky Barrier Type
logo
Galaxy Semi-Conductor H...
1SS404 BILIN-1SS404 Datasheet
145Kb / 2P
Silicon Epitaxial Planar Diode
Rev.A
logo
Micro Commercial Compon...
1SS404 MCC-1SS404 Datasheet
162Kb / 2P
High Speed Switching Diode
logo
Shenzhen Luguang Electr...
1SS404 LUGUANG-1SS404 Datasheet
236Kb / 1P
Silicon Epitaxial Planar Diode
More results

Similar Description - 1SS404

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com