Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # DF06
Description  1.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DF06 Datasheet(HTML) 1 Page - Won-Top Electronics

  DF06 Datasheet HTML 1Page - Won-Top Electronics DF06 Datasheet HTML 2Page - Won-Top Electronics DF06 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF005 – DF10
1 of 3
© 2002 Won-Top Electronics
DF005 – DF10
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
!
Low Forward Voltage Drop
-
+
!
High Current Capability
!
High Surge Current Capability
D
!
Designed for Surface Mount Application
A
B
!
Plastic Material – UL Recognition Flammability
Classification 94V-O
~
~
                          
C
Mechanical Data
E
!
Case: Molded Plastic
!
Terminals: Plated Leads Solderable per
G
H
MIL-STD-202, Method 208
!
Polarity: As Marked on Case
I
!
Weight: 0.38 grams (approx.)
!
Mounting Position: Any
*Low profile models (E = 2.20~2.50mm) are available.
!
Marking: Type Number
Please consult factory.
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DF005
DF01
DF02
DF04
DF06
DF08
DF10
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 40°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Forward Voltage per element
@IF = 1.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
500
µA
Typical Junction Capacitance per element (Note 1)
Cj
25
pF
Typical Thermal Resistance (Note 2)
RJA
40
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to ambient mounted on PC board with 13mm2 copper pad.
WTE
POWER SEMICONDUCTORS
DIL
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
8.13
8.51
D
7.60
8.90
E*
3.20
3.40
G
0.41
0.51
H
3.90
4.20
I
5.0
5.20
All Dimensions in mm


Similar Part No. - DF06

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
DF06 SSE-DF06 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF06 CHENYI-DF06 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF06 GOOD-ARK-DF06 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF06 WTE-DF06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
First Components Intern...
DF06 FCI-DF06 Datasheet
123Kb / 2P
1.0 Amp Surface Mount SINGLE PHASE SILICON BRIDGE
More results

Similar Description - DF06

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DB101 DIODES-DB101 Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21211 Rev. C-3
logo
Won-Top Electronics
DF005 WTE-DF005_06 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
DF005M TAITRON-DF005M Datasheet
145Kb / 4P
1.0A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
DB101 ZSELEC-DB101 Datasheet
73Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DI100 ZSELEC-DI100 Datasheet
116Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB102 YFWDIODE-DB102 Datasheet
438Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com