Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # DF06
Description  1.0A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DF06 Datasheet(HTML) 2 Page - Won-Top Electronics

  DF06 Datasheet HTML 1Page - Won-Top Electronics DF06 Datasheet HTML 2Page - Won-Top Electronics DF06 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typ Forward Characteristics (per element)
F
T = 25°C
Pulse Width = 300µs
2% duty cycle
j
0
10
20
30
40
50
60
110
100
NUM BER OF CYCLES AT 60 Hz
Fig. 3 M ax Non-Repetitive Peak Forward Surge Current
Single half-sine-Wave
(JEDEC M ethod)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typ Junction Capacitance (per element)
R
T = 25°c
f = 1.0 Mhz
V
= 50 mV p-p
j
sig
0.01
0.1
1.0
10
100
20
040
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typ Reverse Characteristics (per element)
T = 125°C
j
T = 25°C
j
1.0
0.5
0
40
60
80
100
120
140
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Output Current Derating Curve
A
60 Hz Resistive or
Inductive load
DF005 – DF10
2 of 3
© 2002 Won-Top Electronics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com