Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43WS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAT43WS
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT43WS Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAT43WS Datasheet HTML 1Page - Rectron Semiconductor BAT43WS Datasheet HTML 2Page - Rectron Semiconductor BAT43WS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMALL SIGNAL DIODE
VOLTAGE RANGE 30 Volts
RECTRON
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
*
*
Fast Switching Time
Low Forward Voltage Drop
* Surface Mount Package Ideally Suited for
Automatic Insertion
* Also Available in Lead Free Version
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BAT43WS
SOD-323
MAXIMUM RATINGS (@TA=25
OC unless otherwise noted)
Note 1. Part mounted on FR-4 PC board with minimunm recommended pad layout.
ELECTRICAL CHARACTERISTICS (@TA=25
OC unless otherwise noted)
2006-5
RATINGS
Reverse Breakdown Voltage @ IR=100µA
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Forward Comtinuous Current
Repetitive Peak Forward Current @t<1.0s
Non-Repetitive Peak Forward Surge Current @t<10ms
Maximum Power Dissipation (Note 1)
Operating and Storage Temperature Range
SYMBOL
BAT43WS
V(BR)R
VRMS
IFM
IFSM
IFRM
PD
TJ,TSTG
VR
Volts
Volts
mAmps
mAmps
200
500
4.0
200
Typical Junction Capacitance (VR=1.0,f=1.0MHz)
CT
10
-55 to + 125
Amps
mW
pF
Typical Reverse Recovery Time (IF=IR=10mA,Irr=0.1xIR,RL=100Ω)
Trr
5
nS
OC
UNITS
Typical Thermal Resistance
R
θJA
625
K/W
30
Maximum Working Peak reverse Voltage
VRWM
Volts
30
Maximum Repetitive Peak Reverse Voltage
VRRM
21
CHARACTERISTICS
Maximum Instantaneous Peverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
Volts
@VR=25V
@IF=2mA
@IF=15mA
0.33
0.45
0.5
uAmps
BAT43WS
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)


Similar Part No. - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
BAT43WS DIODES-BAT43WS Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 7 - 2
logo
Formosa MS
BAT43WS FORMOSA-BAT43WS Datasheet
84Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
Jiangsu Changjiang Elec...
BAT43WS JIANGSU-BAT43WS Datasheet
135Kb / 2P
SCHOTTKY DIODES
logo
Weitron Technology
BAT43WS WEITRON-BAT43WS Datasheet
172Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAT42W RECTRON-BAT42W Datasheet
59Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT42WS RECTRON-BAT42WS Datasheet
129Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
BAT43W RECTRON-BAT43W Datasheet
59Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
RB551V-30 RECTRON-RB551V-30 Datasheet
144Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts CURRENT 500 mAmperes
SD101AW RECTRON-SD101AW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 60 Volts
SD101BW RECTRON-SD101BW Datasheet
140Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 50 Volts
SD103AW RECTRON-SD103AW Datasheet
137Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 40 Volts
SD103BW RECTRON-SD103BW Datasheet
137Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
SD106WS RECTRON-SD106WS Datasheet
55Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
SD107WS RECTRON-SD107WS Datasheet
42Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com