Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43WS Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAT43WS
Description  SMALL SIGNAL DIODE VOLTAGE RANGE 30 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT43WS Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAT43WS Datasheet HTML 1Page - Rectron Semiconductor BAT43WS Datasheet HTML 2Page - Rectron Semiconductor BAT43WS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECTRON
VF, INSTANTANEOUS FORWARD VOLTAGE(mV)
TA, AMBIENT TEMPERATURE(
OC)
0
200
400
600
0.1
10
1
100
0
20
40
60
80
100
800
150
125
100
75
50
25
0
RATING AND CHARACTERISTICS CURVES ( BAT43WS )
Figure1 Forward Current Derating Curve
Figure2 Typical Foward Characteristics
VR, REVERSE VOLTAGE(V)
VR,INSTANTANEOUS REVERSE VOLTAGE(V)
0
1.0
10
100
0.01
0.1
1
10
100
1000
15
10
25
30
20
35
5.0
40
40
30
20
10
0
Figure3 Typical Reverse Characteristics
Figure4 Typical Capacitance vs Reverse Voltage
TA = 125
OC
TA = 25
OC
TA = 75
OC
TA = 125
OC
TA = 75
OC
TA = 25
OC
TA = -25
OC
TJ = 125
OC
f =1.0MHz
TJ = 25
OC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com