Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAV99W
Description  SOT-323 SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV99W Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAV99W Datasheet HTML 1Page - Rectron Semiconductor BAV99W Datasheet HTML 2Page - Rectron Semiconductor BAV99W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP, (S)
TP, (S)
103
102
101
100
102
101
100
10-6
10-5
10-4
10-3
10-2
10-1
100
10-6
10-5
10-4
10-3
10-2
10-1
100
250
300
0
200
150
100
50
20
0
60
80
40
100
120
150
0.5
0
1.5
1.0
RATING AND CHARACTERISTICS CURVES ( BAV99W )
150
100
50
0
VF, (V)
TS, (OC)
TYP.
MAX.
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
TA, (OC)
TA, (OC)
1.0
0.5
0
103
104
105
102
101
0
50
100
150
0
50
100
150
IF =1.0mA
IF =0.1mA
IF =10mA
IF =100mA
max.
typ.
VR =70V
VR =70V
VR =25V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com