Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99W Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAV99W
Description  SOT-323 SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAV99W Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAV99W Datasheet HTML 1Page - Rectron Semiconductor BAV99W Datasheet HTML 2Page - Rectron Semiconductor BAV99W Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
*
*
*
*
Power dissipation
PD:
200 mW (Tamb=25OC)
Forward current
IF:
150 mA
Reverse voltage
VR: 75 V
Operating and storage junction temperature range
TJ,Tstg: -65OC to +150OC
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.006 gram
* Marking: KJG
BAV99W
MAXIMUM RATINGS ( @ TA = 25oC unless otherwise noted )
PARAMETER
SYMBOL
UNITS
-65 to +150
150
200
150
V
mW
mA
O
C
O
C
Reverse Voltage
Forward current
Forward power dissipation
Junction Temperature
Storage Temperature
VR
IO
PD
TJ
TSTG
75
LIMITS
SOT-323 SWITCHING DIODE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
VC 2007-08
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
CHARACTERISTICS
SYMBOL
UNITS
-
-
-
-
-
-
-
-
-
2.5
715
855
1000
1250
2
4
V
mV
uA
nA
pF
ns
Reverse Breakdown Voltage (IR=100uA)
Reverse voltage leakage current (VR=75V)
(VR=20V)
25
Forward voltage
(IF=10mA)
(IF=50mA)
(IF=150mA)
(IF=1mA)
Diode capacitance (VR=0V,f=1MHz)
Reverse recovery time (IF=IR=10mA, IRR=0.1XIRR , RL=100W)
Note : "Fully RoHS Compliant", "100% Sn plating (Pb-free)".
V(BR)
IR
VF
CD
trr
MAX.
-
TYP.
75
MIN.
SOT-323
Dimensions in inches and (millimeters)
0.087(2.20)
0.008(0.20)
0.016(0.40)
0.003(0.08)
0.006(0.15)
0.079(2.00)
0.055(1.40)
0.047(1.20)
1
1
2
2
3
3
0.096(2.45)
0.085(2.15)
REF 0.021(0.53)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.053(1.35)
0.045(1.15)


Similar Part No. - BAV99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99W PANJIT-BAV99W Datasheet
111Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99W PHILIPS-BAV99W Datasheet
58Kb / 12P
High-speed double diode
1999 May 11
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV99W WTE-BAV99W Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Siemens Semiconductor G...
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
Silicon Switching Diode Array (Connected in series For high speed switching applications)
More results

Similar Description - BAV99W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
SC-70/SOT-323 Dual Series Switching Diode
logo
TRANSYS Electronics Lim...
BAV99W TEL-BAV99W Datasheet
102Kb / 1P
SOT-323 Plastic-Encapsulated Diode
logo
Rectron Semiconductor
BAV70W RECTRON-BAV70W Datasheet
379Kb / 2P
SOT-323 PLASTIC ENCAPSULATE SWITCHING DIODE
DAN217U RECTRON-DAN217U Datasheet
166Kb / 3P
SOT-323 SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
MMBD4148W WILLAS-MMBD4148W Datasheet
357Kb / 3P
SOT-323 Plastic-Encapsulate DIODE
logo
Taiwan Semiconductor Co...
BAS19W TSC-BAS19W Datasheet
143Kb / 5P
SOT-323 100-250V/200mA Switching Diode
logo
Yea Shin Technology Co....
BAS19W YEASHIN-BAS19W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS20W YEASHIN-BAS20W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
BAS21W YEASHIN-BAS21W Datasheet
414Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
MMBD4448W YEASHIN-MMBD4448W Datasheet
442Kb / 2P
SOT-323 Plastic-Encapsulate DIODE SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com