Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL13003 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # CSL13003
Description  NPN SILICON PLANAR EPITAXIAL,HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CSL13003 Datasheet(HTML) 1 Page - Rectron Semiconductor

  CSL13003 Datasheet HTML 1Page - Rectron Semiconductor CSL13003 Datasheet HTML 2Page - Rectron Semiconductor CSL13003 Datasheet HTML 3Page - Rectron Semiconductor CSL13003 Datasheet HTML 4Page - Rectron Semiconductor CSL13003 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Applications
Suitable for Lighting, Switching Regulator and Motor Control
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter (sus) Voltage
VCEO
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Peak
**ICM
Power Dissipation @ Ta=25ºC
PC
Derate Above 25ºC
Power Dissipation @ TLead=25ºC
PD
Derate Above 25ºC
Operating And Storage Junction Temperature
Range
Tj, Tstg
THERMAL RESISTANCE
Junction to Case, Tc=25ºC
Rth (j-c)
Junction to Lead
Rth (j-L)
Junction to Ambient in free air
Rth (j-a)
`
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP MAX
UNIT
Collector Base Voltage
VCBO
IC=1mA, IE=0
600
V
Collector Emitter (sus) Voltage
*VCEO (sus)
IC=10mA, IB=0
400
V
Collector Cut Off Current
ICBO
VCB=600V, IE=0
1.0
mA
VCB=600V, IE=0, Tc=100ºC
5.0
mA
Emitter Cut Off Current
IEBO
VEB=9V, IC=0
1.0
mA
DC Current Gain
*hFE
IC=0.3A, VCE=2V (Note1)
10
30
IC=0.5A, VCE=2V
8.0
40
IC=1A, VCE=2V
4.0
25
Collector Emitter Saturation Voltage
*VCE (sat)
IC=0.5A, IB=0.1A
0.5
V
IC=1A, IB=0.25A
1.0
V
IC=1.5A, IB=0.5A
3.0
V
IC=1A, IB=0.25A,Tc=100ºC
1.0
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=0.5A, IB=0.1A
1.0
V
IC=1A, IB=0.25A
1.2
V
IC=1A, IB=0.25A,Tc=100ºC
1.1
V
* Pulse Test: PW=300m
m
s, Duty Cycle=2%
** Pulse Test: Pulse Width=5ms, Duty Cycle=10%
48.0
ºC/W
62.5
ºC/W
VALUE
600
400
9.0
1.5
3.0
- 65 to +150
A
A
W
ºC
mW/ ºC
1.1
W
UNIT
V
V
V
8.8
mW/ ºC
113.6
2.0
16
ºC/W
E C
B
TO-92 PLASTIC PACKAGE
NPN SILICON PLANAR EPITAXIAL,HIGH SPEED,
HIGH VOLTAGE SWITCHING TRANSISTOR
CSL13003


Similar Part No. - CSL13003

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSL13003 CDIL-CSL13003 Datasheet
84Kb / 5P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
CSL13003A CDIL-CSL13003A Datasheet
84Kb / 5P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
CSL13003B CDIL-CSL13003B Datasheet
84Kb / 5P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
CSL13003C CDIL-CSL13003C Datasheet
84Kb / 5P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
CSL13003E CDIL-CSL13003E Datasheet
84Kb / 5P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Similar Description - CSL13003

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTH2369 KEC-KTH2369 Datasheet
309Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369S KEC-KTN2369S Datasheet
155Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
KTN2369U KEC-KTN2369U Datasheet
152Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
logo
Continental Device Indi...
CSL13003 CDIL-CSL13003 Datasheet
84Kb / 5P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
CSL13002 CDIL-CSL13002 Datasheet
136Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
CPH3248 SANYO-CPH3248 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6096 SANYO-2SC6096 Datasheet
41Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
2SC6099 SANYO-2SC6099 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
logo
Continental Device Indi...
CSD13002 CDIL-CSD13002 Datasheet
115Kb / 4P
NPN SILICON PLANAR EPITAXIAL, HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Sanyo Semicon Device
PCP1202 SANYO-PCP1202 Datasheet
59Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com