Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL13003 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # CSL13003
Description  NPN SILICON PLANAR EPITAXIAL,HIGH SPEED, HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

CSL13003 Datasheet(HTML) 2 Page - Rectron Semiconductor

  CSL13003 Datasheet HTML 1Page - Rectron Semiconductor CSL13003 Datasheet HTML 2Page - Rectron Semiconductor CSL13003 Datasheet HTML 3Page - Rectron Semiconductor CSL13003 Datasheet HTML 4Page - Rectron Semiconductor CSL13003 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP MAX
UNIT
Current Gain Bandwidth Product
fT
IC=100mA, VCE=10V,
f=1MHz
4.0
MHz
Output Capacitance
Cob
VCB=10V, f=0.1MHz
21
pF
SWITCHING TIME
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP MAX
UNIT
Turn On Time
ton
VCC=125V
1.1
m
s
Fall Time
tf
IB1=0.2A, IB2=0.2A
0.7
m
s
Storage Time
tstg
IC=1A
4.0
m
s
Note (1) hFE Classifications:-
A
B
C
F
Note (1):- Product is pre selected in DC
10-16
15-19
18-22
24-30
current gain (Groups A to F). RECTRON reserves
the right to ship any of the groups according
to production availability.
MARKING
CSL
CSL
CSL
CSL
13003
13003
13003
13003
A
B
C
F
CSL
13003
E
E
21-25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com