Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC124ECA Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DTC124ECA
Description  SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC124ECA Datasheet(HTML) 1 Page - Rectron Semiconductor

  DTC124ECA Datasheet HTML 1Page - Rectron Semiconductor DTC124ECA Datasheet HTML 2Page - Rectron Semiconductor DTC124ECA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
* Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors.
* Only the on/off conditions need to be set for operation mark-
ing device design easy.
* The bias resistors consist of thin-film resistors with co-
mplete isolation to allow negative biasing of the input.
They also have the advantage of almost completely eli-
minating parasitic effects.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.008 gram
SOT-23
DTC124ECA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
SOT-23 DIGITAL TRANSISTOR
TRANSISTORS(NPN)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Resistance ratio
DC current gain (VO= 5V,IO= 5mA)
Input current (VI= 5V)
Input resistance
Transition frequency (VO= 10V,IO= 5mA, f= 100MHz)
CHARACTERISTICS
SYMBOL
UNITS
0.5
-
0.3
0.5
-
mA
m
A
-
-
V
V
MHz
Input voltage (VCC= 5V, IO= 100mA)
Input voltage (VO= 0.2V, IO= 5mA)
Output current (VCC= 50V,VI= 0)
Output voltage (IO / II= 10mA / 0.5mA)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Supply voltage
Input voltage
Output current
Power dissipation
SYMBOL
Tj
Tstg
Pd
VCC
VIN
IO
VI(off)
VI(on)
Vo(on)
Io(off)
GI
R1
R2 / R1
II
fT
LIMITS
MAX
-
-
0.1
-
-
1
TYP
-
3
-
-
56
MIN
UNITS
150
50
-10~40
mA
V
V
30
Storage temperature
Junction temperature
IC(MAX)
mW
100
200
-55 ~150
oC
oC
(2)
(1)
(3)
(1) IN
(2) GND
(3) OUT
-
-
0.36
15.4
0.8
1.2
22
28.6
-
250
-
KW
0.118(3.00)
0.012(0.30)
0.020(0.50)
0.003(0.08)
0.006(0.15)
0.110(2.80)
0.079(2.00)
0.071(1.80)
0.100(2.55)
0.089(2.25)
f 0.022(0.55)
0.043(1.10)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.055(1.40)
0.047(1.20)
(1)
(2)
(3)
NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)".


Similar Part No. - DTC124ECA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124ECA ROHM-DTC124ECA Datasheet
70Kb / 3P
Digital transistors (built-in resistors)
logo
Galaxy Semi-Conductor H...
DTC124ECA BILIN-DTC124ECA Datasheet
159Kb / 3P
Digital Transistor
logo
SeCoS Halbleitertechnol...
DTC124ECA SECOS-DTC124ECA Datasheet
208Kb / 2P
NPN Digital Transistors (Built-in Resistors)
logo
Micro Commercial Compon...
DTC124ECA MCC-DTC124ECA Datasheet
87Kb / 2P
NPN Digital Transistors
DTC124ECA MCC-DTC124ECA Datasheet
203Kb / 2P
NPN Digital Transistors
More results

Similar Description - DTC124ECA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTC114ECA RECTRON-DTC114ECA Datasheet
457Kb / 3P
SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114TCA RECTRON-DTC114TCA Datasheet
361Kb / 3P
SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114WCA RECTRON-DTC114WCA Datasheet
352Kb / 3P
SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114YCA RECTRON-DTC114YCA Datasheet
366Kb / 3P
SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123JCA RECTRON-DTC123JCA Datasheet
366Kb / 3P
SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123YCA RECTRON-DTC123YCA Datasheet
366Kb / 3P
SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143ECA RECTRON-DTC143ECA Datasheet
366Kb / 3P
SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143TCA RECTRON-DTC143TCA Datasheet
364Kb / 3P
SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143ZCA RECTRON-DTC143ZCA Datasheet
367Kb / 3P
SOT-23 DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC144ECA RECTRON-DTC144ECA Datasheet
389Kb / 3P
SOT-23 DIGITAL TRANSISTORS TRANSISTOR (NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com