Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC124ECA Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DTC124ECA
Description  SOT-23 DIGITAL TRANSISTOR TRANSISTORS(NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC124ECA Datasheet(HTML) 2 Page - Rectron Semiconductor

  DTC124ECA Datasheet HTML 1Page - Rectron Semiconductor DTC124ECA Datasheet HTML 2Page - Rectron Semiconductor DTC124ECA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTICS CURVES (DTC124ECA)
Figure2 Output current vs. input voltage
(OFF Characteristics)
Figure4 Output voltage vs. output current
Figure1 Input voltage vs. output current
(ON Characteristics)
IO, OUTPUT CURRENT (A)
VI(off), INPUT VOLTAGE (V)
Figure3 DC current gain vs. output current
IO, OUTPUT CURRENT (A)
IO, OUTPUT CURRENT(A)
100m
200m
500m
100m 200m 500m
1
2
10
20
50
100
1m
2m 5m
10m 20m 50m 100m
100m 200m 500m 1m 2m
5m
10m 20m 50m 100m
100m 200m 500m 1m 2m
5m
10m 20m 50m 100m
5
2m
1m
5m
10m
20m
50m
100m
200m
500m
1m
2m
10m
5m
0
0.5
1.0
1.5
2.0
2.5
3.0
5
10
20
50
100
200
500
1K
2
1
1m
2m
5m
10m
20m
50m
100m
200m
500m
1
VO= 0.2V
100
OC
25
OC
Ta= -40
OC
VCC= 5V
-40
OC
25
OC
Ta=100
OC
25
OC
Ta=100
OC
-40
OC
IO / II= 20
VO = 5V
25
OC
Ta=100
OC
-40
OC
Figure5 Equivalent circuit
IN
R1
R2
IN
OUT
OUT
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com