Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # LL4148
Description  SURFACE MOUNT LL-34 SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

LL4148 Datasheet(HTML) 1 Page - Rectron Semiconductor

  LL4148 Datasheet HTML 1Page - Rectron Semiconductor LL4148 Datasheet HTML 2Page - Rectron Semiconductor LL4148 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL-34
LL4148
SURFACE MOUNT LL-34
SWITCHING DIODE
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
* Fast Switching Device(TRR<4.0nS)
* LL-34 Glass Case
*
*
*
*
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All external surfaces are corrosion resistant and leads
are readily solderable
.059 (1.50)
.055 (1.40)
.138 (3.51)
.120 (3.30)
.020 (0.50)
.014 (0.35)
300
4
Ptot
500
trr
Reverse Recovery Time
IF=-IR=10mA to IRR=-1mA
IF
Reverse Voltage
UNIT
V
ns
VR=6V RL=100 ohms
Value
Symbol
75
Power Dissipatipn at Tamb= 25OC
3.33mW/OC
mW
mA
O
C
O
C
Forward Current
VR
Tj
TS
Junction Temperature
Storage Temperature Range
175
-65 to +175
Absolute Maximum Ratings (Ta=25 oC)


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Tak Cheong Electronics ...
BAS85 TAK_CHEONG-BAS85 Datasheet
75Kb / 2P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
LLBAT42 TAK_CHEONG-LLBAT42 Datasheet
79Kb / 3P
200 mW Surface Mount LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
BAS85 TAK_CHEONG-BAS85_11 Datasheet
311Kb / 3P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
LL60 TAK_CHEONG-LL60 Datasheet
321Kb / 3P
500 mW Surface Mount LL-34 Hermetically Sealed Glass Small Signal Schottky Diode
LLBAT42 TAK_CHEONG-LLBAT42_11 Datasheet
310Kb / 3P
200 mW Surface Mount LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
LLDB3 TAK_CHEONG-LLDB3 Datasheet
330Kb / 3P
LL-34 Hermetically Sealed Glass BI-directional Trigger Diode
logo
Rectron Semiconductor
MM4148 RECTRON-MM4148_07 Datasheet
348Kb / 3P
SURFACE MOUNT LL-34 (SOD-8OC) SWITCHING DIODE
logo
SHIKUES Electronics
BAS85 SKTECHNOLGY-BAS85 Datasheet
536Kb / 2P
200 mW LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com