Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # LL4148
Description  SURFACE MOUNT LL-34 SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

LL4148 Datasheet(HTML) 2 Page - Rectron Semiconductor

  LL4148 Datasheet HTML 1Page - Rectron Semiconductor LL4148 Datasheet HTML 2Page - Rectron Semiconductor LL4148 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VB 2007-2
IO
Minimum Breakdown Voltage @IR = 100uA
Rectifier Current (Average)
BV
Half Wave Rectification w/Resist Load
at Ta= 25 OC and f > or = 50Hz
100
-
V
V
VF
I Fsurge
500
mA
mA
150
1.0
-
-
-
-
-
R thJA
-
0.35
nv
0.45
-
O
C/mW
IR
C j
4
4
-
VR =6V RL=100 ohms
Maximum Junction Capacitance
Maximum Forward Voltage IF = 10 mA
Maximum reverse Leakage Current
at VR = 20V
Peak Forward Surge Current
PW<1 sec
-
-
-
uA
pF
at VR = 75V
at VR = 20V, Tj = 150OC
0.025
5.0
50
Unit
Maximum Thermal Resistance
Junction to Ambient Air
VF =VR = 0, f= 1MHz
Reverse Recovery Time From
IF = -IR =10mA to IRR =-1mA
trr
Rectification Efficiency
at f=100MHZ, Vrf = 2V
ns
Symbol
Min
Max
Electrical Characteristics (Ta=25 oC)
Note : "Fully ROHS compliant", "100% Sn plating (Pb-free)".



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com