Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4401 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MMST4401
Description  SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMST4401 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MMST4401 Datasheet HTML 1Page - Rectron Semiconductor MMST4401 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Power dissipation
Pcm: 0.2 W (Tamb=25
OC)
Icm:
0.6 A
V(BR)CBO: 60 V
TJ,Tstg: -55
OCto +150OC
* Collector current
* Collector-base voltage
*
MECHANICAL DATA
* Case: Molded plastic
MMST4401
Operationg and storage junction temperature range
SOT-323
0.081(2.05)
0.012(0.30)
0.077(1.95)
0.052(1.33)
0.050(1.27)
0.089(2.25)
0.092(2.35)
REF .040(1.01)
0.051(1.30)
0.047(1.20)
Dimensions in inches and (millimeters)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Max. Instantaneous Forward Voltage at IF= 10mA
CHARACTERISTICS
SYMBOL
UNITS
625
-
Volts
oC/W
Thermal Resistance Junction to Ambient (1)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Zener Current ( see Table "Characteristics" )
Max. Steady State Power Dissipation (1)
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
-
PD
TJ
TSTG
R θJA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
-
mW
-
200
150
-55 to +150
oC
oC
SOT-323 BIPOLAR TRANSISTORS
TRANSISTOR (NPN)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.006 gram
NOTES : 1.Valid provided that terminals are kept at ambient temperature.


Similar Part No. - MMST4401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST4401 TRSYS-MMST4401 Datasheet
194Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST4401 ROHM-MMST4401 Datasheet
80Kb / 3P
NPN Medium Power Transistor
logo
Diodes Incorporated
MMST4401 DIODES-MMST4401 Datasheet
58Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30084 Rev. 3P-1
logo
Rohm
MMST4401 ROHM-MMST4401 Datasheet
88Kb / 4P
NPN Medium Power Transistor (Switching)
logo
Diodes Incorporated
MMST4401 DIODES-MMST4401 Datasheet
449Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30084 Rev. 8 - 2
More results

Similar Description - MMST4401

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTC143XUA RECTRON-DTC143XUA Datasheet
367Kb / 3P
SOT-323 DIGITAL TRANSISTORS TRANSISTOR (NPN)
DTC143ZUA RECTRON-DTC143ZUA Datasheet
367Kb / 3P
SOT-323 DIGITAL TRANSISTORS TRANSISTOR (NPN)
MMST2222A RECTRON-MMST2222A Datasheet
617Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (NPN)
MMST2907A RECTRON-MMST2907A Datasheet
615Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
MMST3904 RECTRON-MMST3904 Datasheet
619Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (NPN)
MMST3906 RECTRON-MMST3906 Datasheet
619Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
MMST4403 RECTRON-MMST4403 Datasheet
704Kb / 3P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
MMST5401 RECTRON-MMST5401 Datasheet
614Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (PNP)
MMST5551 RECTRON-MMST5551 Datasheet
612Kb / 2P
SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
SOT-323 FOSHAN-SOT-323 Datasheet
49Kb / 1P
SOT-323 BIPOLAR TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com