Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST4401 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MMST4401
Description  SOT-323 BIPOLAR TRANSISTORS TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MMST4401 Datasheet(HTML) 2 Page - Rectron Semiconductor

  MMST4401 Datasheet HTML 1Page - Rectron Semiconductor MMST4401 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise noted)
OFF CHARACTERISTICS (2)
ON CHARACTERISTICS (2)
SMALL-SIGNAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
Chatacteristic
Collector-Emitter Breakdown Voltage (IC= 1.0mAdc, IB= 0)
Collector-Base Breakdown Voltage (IC= 100µAdc, IE= 0)
Emitter-Base Breakdown Voltage (IE= 100µAdc, IC= 0)
Collector Cutoff Current (VCE= 35Vdc,IB=0)
Collector Cutoff Current (VCB= 35Vdc, IE= 0)
Emitter Cutoff Current (VEB= 5Vdc, IC= 0)
Base Cutoff Current (VCE= 35Vdc, VEB(off)= 0.4Vdc
DC Current Gain (IC= 0.1mAdc, VCE= 1.0Vdc)
Collector-Emitter Saturation Voltage (IC= 150mAdc, IB= 15mAdc)
(IC= 1.0mAdc, VCE= 1.0Vdc)
(IC= 10mAdc, VCE= 1.0Vdc)
(IC= 150mAdc, VCE= 1.0Vdc)
(IC= 500mAdc, VCE= 2.0Vdc)
V(BR)CEO
40
-
Vdc
V(BR)CBO
60
-
Vdc
V(BR)EBO
6.0
-
Vdc
ICEO
ICBO
IEBO
IBL
-
0.5
-
-
-
0.1
0.1
100
µAdc
Vdc
µAdc
nAdc
fT
250
hFE
40
20
-
-
300
-
-
50
100
40
-
VCE(sat)
-
0.40
-
0.75
µAdc
Symbol
Min
Max
Unit
(IC= 500mAdc, IB= 50mAdc)
Base-Emitter Saturation Voltage (IC= 150mAdc, IB= 15mAdc)
Current-Gain-Bandwidth Product (IC= 20mAdc, VCE= 10Vdc, f= 100MHz)
Ceb
pF
pF
MHz
td
tr
ts
tf
1.0
30
µs
-
-
-
-
ns
ns
hie
k
hre
-
-
6.5
X 10-4
hfe
-
30
1.0
15
-
hoe
0.1
8.0
40
500
225
30
15
20
Input Capacitance (VEB= 0.5Vdc, IC= 0, f= 1.0MHz)
Cob
Output Capacitance (VCB= 5Vdc, IE= 0, f= 1.0MHz)
Input Impedance (IC= 1.0mAdc, VCE=10Vdc, f=1.0kHz)
Voltage Feedback Ratio (IC= 1.0mAdc, VCE= 10Vdc, f= 1.0kHz)
Small-Signal Current Gain (IC= 1.0mAdc, VCE= 10Vdc, f= 1.0kHz)
Output Admittance (IC= 10mAdc, VCE= 10Vdc, f= 1.0kHz)
(VCC= 30Vdc, VBE= 2Vdc, IC= 150mAdc, IB1= 15mAdc)
(VCC= 30Vdc, IC= 150mAdc, IB1= IB2= 15mAdc)
Vdc
VBE(sat)
-
0.95
-
-
(IC= 500mAdc, IB= 50mAdc)
Delay Time
Rise Time
Storage Time
Fall Time
RECTRON
NOTES : 2. Pulse Test: Pulse Width<300
µs,Duty Cycle<2.0%
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com