Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1006 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC1006
Description  10A HIGH CURRENT BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC1006 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC1006 Datasheet HTML 1Page - Won-Top Electronics KBPC1006 Datasheet HTML 2Page - Won-Top Electronics KBPC1006 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBPC1000/W – KBPC1010/W
1 of 3
© 2002 Won-Top Electronics
KBPC1000/W – KBPC1010/W
10A HIGH CURRENT BRIDGE RECTIFIER
Features
!
Diffused Junction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Metal Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
!
UL Recognized File # E157705
H
H
Mechanical Data
E
E
!
Case: Metal Case with Electrically
B
B
Isolated Epoxy
!
Terminals: Plated Leads Solderable per
KBPC
KBPC-W
MIL-STD-202, Method 208
!
Polarity: Symbols Marked on Case
!
Mounting: Through Hole for #10 Screw
!
Weight:
KBPC
31.6 grams (approx.)
KBPC-W 28.5 grams (approx.)
!
Marking: Type Number
"W”
Suffix Designates Wire Leads
No Suffix Designates Faston Terminals
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
1000/W
KBPC
1001/W
KBPC
1002/W
KBPC
1004/W
KBPC
1006/W
KBPC
1008/W
KBPC
1010/W
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 50°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
200
A
Forward Voltage (per element)
@IF = 5.0A
VFM
1.2
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
1.0
µA
mA
Typical Junction Capacitance (Note 1)
Cj
300
pF
Typical Thermal Resistance (Note 2)
RJC
6.3
K/W
RMS Isolation Voltage from Case to Lead
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
* Glass passivated forms are available upon request.
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to case per element mounted on heatsink.
WT E
PO W E R SEM IC O ND UC TO R S
KBPC
KBPC-W
Dim
Min
Max
Min
Max
A
28.40
28.70
28.40
28.70
B
10.97
11.23
10.97
11.23
C
15.70
16.70
17.10
19.10
D
17.50
18.50
10.90
11.90
E
22.86
25.40
30.50
—
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm


Similar Part No. - KBPC1006

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC1006 JGD-KBPC1006 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC1006 SEMTECH-KBPC1006 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC1006 SSE-KBPC1006 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC1006 CHENYI-KBPC1006 Datasheet
145Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC1006 DCCOM-KBPC1006 Datasheet
370Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC1006

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ10A WTE-KBJ10A Datasheet
51Kb / 3P
10A BRIDGE RECTIFIER
KBU1000 WTE-KBU1000 Datasheet
42Kb / 3P
10A BRIDGE RECTIFIER
MP1000 WTE-MP1000 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
PB1000 WTE-PB1000 Datasheet
32Kb / 3P
10A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC1001 DIODES-PBPC1001 Datasheet
51Kb / 2P
10A BRIDGE RECTIFIER
DS21312 Rev. E-2
PBU1001 DIODES-PBU1001 Datasheet
70Kb / 2P
10A BRIDGE RECTIFIER
DS21309 Rev. F-3
PBPC1001 DIODES-PBPC1001_1 Datasheet
333Kb / 3P
10A BRIDGE RECTIFIER
DS21312 Rev. 7 - 2
logo
Frontier Electronics.
BP10-005L FRONTIER-BP10-005L Datasheet
124Kb / 2P
10A HIGH CURRENT BRIDGE RECTIFIERS
logo
Diotech Company.
GBPC15A DIOTECH-GBPC15A Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
KBU1000 YIXIN-KBU1000 Datasheet
139Kb / 2P
10A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com