Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC601 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # KBPC601
Description  6.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC601 Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC601 Datasheet HTML 1Page - Won-Top Electronics KBPC601 Datasheet HTML 2Page - Won-Top Electronics KBPC601 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBPC600 – KBPC610
1 of 3
© 2002 Won-Top Electronics
KBPC600 – KBPC610
6.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
High Current Capability
!
High Case Dielectric Strength
H
!
High Surge Current Capability
!
Ideal for Printed Circuit Board Application
+
~
!
Plastic Material has Underwriters Laboratory
G
Flammability Classification 94V-O
A
!
UL Recognized File # E157705
~
-
E
Mechanical Data
!
Case: Molded Plastic
D
C
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 3.8 grams (approx.)
A
!
Mounting Position: Through Hole for #6 Screw
!
Mounting Torque: 5.0 Inch-pounds Maximum
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
KBPC
600
KPBC
601
KBPC
602
KBPC
604
KBPC
606
KBPC
608
KBPC
610
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1)
@TC = 50°C
IO
6.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
125
A
Forward Voltage (per element)
@IF = 3.0A
VFM
1.1
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 100°C
IR
10
1.0
µA
mA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
64
A2s
Typical Junction Capacitance (Note 3)
Cj
55
pF
Typical Thermal Resistance (Note 4)
RJC
12.5
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
4. Thermal resistance junction to case per element.
WT E
PO W E R SEM IC O ND UC TO R S
KBPC-6
Dim
Min
Max
A
14.73
15.75
B
5.80
6.90
C
19.00
—
D
1.00 Ø Typical
E
1.70
2.72
Hole for #6 screw
G
3.60
4.00
H
10.30
11.30
All Dimensions in mm


Similar Part No. - KBPC601

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC601 JGD-KBPC601 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC601 SEMTECH-KBPC601 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC601 SSE-KBPC601 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC601 CHENYI-KBPC601 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBPC601 DCCOM-KBPC601 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC601

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PBPC601 DIODES-PBPC601 Datasheet
53Kb / 2P
6.0A BRIDGE RECTIFIER
DS21322 Rev. D-2
PBU601 DIODES-PBU601 Datasheet
61Kb / 2P
6.0A BRIDGE RECTIFIER
DS21307 Rev. F-2
logo
Zibo Seno Electronic En...
UD6KBA05 ZSELEC-UD6KBA05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M Datasheet
85Kb / 2P
6.0A BRIDGE RECTIFIER
UR6KB05 ZSELEC-UR6KB05 Datasheet
118Kb / 2P
6.0A BRIDGE RECTIFIER
D6KB05 ZSELEC-D6KB05_V01 Datasheet
104Kb / 2P
6.0A BRIDGE RECTIFIER
UG6KB05 ZSELEC-UG6KB05_V01 Datasheet
105Kb / 2P
6.0A BRIDGE RECTIFIER
6RS101M ZSELEC-6RS101M_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP601 ZSELEC-GBP601_V01 Datasheet
86Kb / 2P
6.0A BRIDGE RECTIFIER
GBP6005 ZSELEC-GBP6005_V01 Datasheet
122Kb / 2P
6.0A BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com