Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC601 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # KBPC601
Description  6.0A BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC601 Datasheet(HTML) 2 Page - Won-Top Electronics

  KBPC601 Datasheet HTML 1Page - Won-Top Electronics KBPC601 Datasheet HTML 2Page - Won-Top Electronics KBPC601 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.01
0.1
1.0
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per element
F
Pulse width = 300 s
µ
T = 25 C
j
°
0
25
50
75
100
125
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Peak Forward Surge Current
8.3ms Single half-sine-wave
T = 125 C
J
°
0
2
4
6
8
10
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°
Resistive or
Inductive Load
Mounted on
Metal Chassis
Mounted on
PC Board
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 100 C
j
°
T = 25 C
j
°
KBPC600 – KBPC610
2 of 3
© 2002 Won-Top Electronics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com