Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # TIP120
Description  TO-220 DARLING TRANSISTOR (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TIP120 Datasheet(HTML) 2 Page - Rectron Semiconductor

  TIP120 Datasheet HTML 1Page - Rectron Semiconductor TIP120 Datasheet HTML 2Page - Rectron Semiconductor TIP120 Datasheet HTML 3Page - Rectron Semiconductor TIP120 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTICS CURVES (TIP120)
Figure4 CAPACITANCE
Figure1 THERMAL RESISTANCE
There are two limitations on the power handing ability of a tran-
sistor average junction temperature and second breakdown.Safe
operating aresa curves indicate IC-VCE limits of the transistor th-
at must be observed for reliable operation, i.e.,the transistor must
not be subjected to greater dissipation than the curves indicate.
The data of Figure 2 is based on TJ(pk)=150OC,TC is variable d-
epending on conditions. Second breakdown pulse limit are valid
for duty cycles to 10% provided TJ(pk)<150OC.TJ(pk) may be calc-
ulated from the data in Figure 1. At high case temperatures, ther-
mal limitations will reduce the power that can be handled to valu-
es less than the limitations imposed by second breakdown.
Figure3 Small-Signal Current Gain
f, FREQUENCY, (KHz)
VR, REVERSE VOLTAGE, (V)
0.01
0.02
0.05
0.3
0.5
0.7
1.0
0.1
0.2
0.5
1.0 2.0
5.0
Figure2 ACTIVE-REGION SAFE OPERATING AREA
VCE, COLLECTOR-EMITTER VOLTAGE, (V)
t, TIME, (mS)
1.0
2.0 3.0
5.0 7.0 10
20
30
50
70 100
10
1.0
2.0
5.0 10 20
50 100 200
500 1K
0.1
0.2
0.5 1.0 2.0
5.0
10 20
50 100
0.2
0.1
0.07
0.05
0.03
0.02
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
20
10
20
50
100 200
500
1000
50
100
200
300
500
2K
1K
3K
5K
10K
20
30
10
30
50
70
100
200
300
ZqJC = r(t) RqJC
RqJC= 1.92OC/W MAX.
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk)-TC = P(pk) ZqJC(t)
P(pk)
DUTY CYCLE, D =t1/t2
t1
t2
500uS
1mS
5mS
100uS
TJ=150OC
BONDING WIRE LIMITED
THERMALLY LIMITED
@TC=25OC(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVE APPLY BELOW
RATED VCEO
DC
TC= 25
OC
VCE= 40 Vdc
IC= 3.0 Adc
Cob
Cjb
TJ= 25
OC
SINGLE PULSE
D =0.01
D =0.02
D =0.05
D =0.1
D =0.2
D =0.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com