Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # TIP120
Description  TO-220 DARLING TRANSISTOR (NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

TIP120 Datasheet(HTML) 1 Page - Rectron Semiconductor

  TIP120 Datasheet HTML 1Page - Rectron Semiconductor TIP120 Datasheet HTML 2Page - Rectron Semiconductor TIP120 Datasheet HTML 3Page - Rectron Semiconductor TIP120 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Power application
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
TO-220 DARLING TRANSISTOR (NPN)
2007-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Collector-emitter saturation voltage (IC= 3A,IB= 12mA)
DC current gain (VCE= 3V,IC= 0.5A)
DC current gain (VCE= 3V,IO= 3A)
Output Capacitance (VCB= 10V,IE= 0, f= 0.1MHz)
Note: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
CHARACTERISTICS
SYMBOL
UNITS
-
-
0.2
2
-
mA
mA
mA
V
pF
Collector-base breakdown voltage (IC= 1mA, IE= 0)
Collector-Emitter breakdown voltage (IC= 30mA, IB= 0)
Emitter cut-off current (VE= -5V,IC= 0)
Collector cut-off current (VCB= 60V ,IE= 0)
Collector cut-off current (VCE= 30V ,IB= 0)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current-continutious
Collector Power dissipation
SYMBOL
RqJA
Tstg
Pd
VCBO
VCEO
VEBO
V(BR)CBO
VCEO(SUS)
ICBO
IEBO
hFE(1)
hFE(2)
VCE(sat)
ICEO
Cob
LIMITS
MAX
60
60
-
-
1000
MIN
UNITS
62.5
60
60
A
V
V
V
5
Storage temperature
Thermal Resistance
IC
W
5
2
-65 ~150
oC/W
RqJC
1.92
oC
-
0.5
1000
-
2
-
-
200
-
-
V
Collector-emitter saturation voltage (IC= 5A,IB= 20mA)
VCE(sat)
-
4
V
Base-emitter ON voltage (IC= 3A,IB= 12mA)
VBE(on)
-
2.5
V
TO-220
Dimensions in inches and (millimeters)
.155 (3.94)
.406 (10.31)
.114 (2.89)
.102 (2.59)
.491 (12.46)
.475 (12.06)
.054 (1.37)
.046 (1.17)
.394 (10.01)
.176 (4.47)
.054 (1.37)
.046 (1.17)
.350 (8.90)
.543 (13.8)
.100 (25.4)
TYP
.204 (5.18)
.196 (4.98)
.335 (8.50)
.012 (0.30)
.000 (0.00)
.156 (3.96)
.111 (2.82)
.099 (2.52)
.140 (3.56)
.528 (13.4)
.021 (0.53)
.012 (0.31)
.184 (4.67)
.147 (3.74)
.036 (0.91)
.028 (0.71)
TIP120


Similar Part No. - TIP120

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120 Datasheet
251Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 2
logo
Power Innovations Ltd
TIP120 POINN-TIP120 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP120 STMICROELECTRONICS-TIP120 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP120

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1424 KEC-KTB1424 Datasheet
114Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLING TON TRANSISTOR)
logo
Avic Technology
AV13005 AVICTEK-AV13005 Datasheet
149Kb / 2P
TO-220 NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
BU406 CENTRAL-BU406 Datasheet
54Kb / 1P
NPN SLICON POWER TRANSISTOR JEDEC TO-220 CASE
MJE13005 CENTRAL-MJE13005 Datasheet
120Kb / 2P
NPN SILICON POWER TRANSISTOR JEDEC TO-220 CASE
logo
Foshan Blue Rocket Elec...
BU406M FOSHAN-BU406M Datasheet
1,011Kb / 7P
Silicon NPN transistor in a TO-220 Plastic Package.
D44H11 FOSHAN-D44H11 Datasheet
859Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
KSD526 FOSHAN-KSD526 Datasheet
923Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
MJE3055T FOSHAN-MJE3055T Datasheet
939Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
TIP31B FOSHAN-TIP31B Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
TIP31C FOSHAN-TIP31C Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-220 Plastic Package.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com