Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZS22VB Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # UDZS22VB
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

UDZS22VB Datasheet(HTML) 2 Page - Rectron Semiconductor

  UDZS22VB Datasheet HTML 1Page - Rectron Semiconductor UDZS22VB Datasheet HTML 2Page - Rectron Semiconductor UDZS22VB Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise specified)
Notes 1. The Zener Voltage is tested under pulse condition of 40mS.
2. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage
tolerances,contact your nearest Rectron Electronics representative.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of
the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min.
Max.
IZT
(mA)
ZZT @ IZT
(W
(W
)
Max.
IZK
(mA)
ZZK @ IZK
( )
Max.
IR @ VR
(uA)
Max.
VR
(Volts)
UDZS3V6B
D0
3.60
3.85
5
90
1
600
4.5
1
UDZS3V9B
D1
3.89
4.16
5
90
1
600
2.7
1
UDZS4V3B
D2
4.17
4.43
5
90
1
600
2.7
1
UDZS4V7B
D3
4.55
4.75
5
80
1
500
2.7
2
UDZS5V1B
D4
4.98
5.20
5
60
1
500
1.8
2
UDZS5V6B
D5
5.49
5.73
5
40
1
300
0.9
2
UDZS6V2B
D6
6.06
6.33
5
40
1
150
2.7
4
UDZS6V8B
D7
6.65
6.93
5
30
1
75
1.8
4
UDZS7V5B
D8
7.28
7.60
5
30
1
75
0.9
5
UDZS8V2B
D9
8.02
8.36
5
30
1
75
0.63
5
UDZS9V1B
DA
8.85
9.23
5
30
1
90
0.45
6
UDZS10VB
DB
9.77
10.21
5
20
1
150
0.18
7
UDZS11VB
DC
10.76
11.22
5
20
1
150
0.09
8
UDZS12VB
DE
11.74
12.24
5
20
1
150
0.09
8
UDZS13VB
DF
12.91
13.49
5
40
1
160
0.09
8
UDZS15VB
DG
14.34
14.98
5
40
1
190
0.045
10.5
UDZS16VB
DH
15.85
16.51
5
40
1
190
0.045
11.2
UDZS18VB
DJ
17.56
18.35
5
50
1
220
0.045
12.6
UDZS20VB
DK
19.52
20.39
5
60
1
220
0.045
14.0
UDZS22VB
DL
21.54
22.47
5
80
1
240
0.045
15.4
UDZS24VB
DM
23.72
24.78
5
80
1
240
0.045
16.8
UDZS27VB
DN
26.19
27.53
5
100
0.5
300
0.045
18.9
UDZS30VB
DP
29.19
30.69
5
100
0.5
300
0.045
21.0
UDZS33VB
DR
32.15
33.79
5
100
0.5
310
0.045
23.0
UDZS36VB
DS
35.07
36.87
5
100
0.5
330
0.045
25.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com