Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZS22VB Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # UDZS22VB
Description  SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

UDZS22VB Datasheet(HTML) 1 Page - Rectron Semiconductor

  UDZS22VB Datasheet HTML 1Page - Rectron Semiconductor UDZS22VB Datasheet HTML 2Page - Rectron Semiconductor UDZS22VB Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UDZS3V6B-
UDZS36VB
2007-3
These ratings are limiting values above which the serviceability of the diode may be impaired.
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Max. Steady State Power Dissipation @TA=25oC (Note 1)
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
PD
TJ
TSTG
VALUE
UNITS
mW
200
150
-65 to +150
oC
oC
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 3.6 to 36 Volts POWER 200 mWatts
FEATURES
* Wide Zener Voltage Range Selection, 3.6V to 36V
* Flat Lead SOD-323 Small Outline Plastic Package
* Surface Device Type Mounting
* Moisture Sensitivity Level 1
* Clip Bonding Construction,Good Thermal Capability
* Matter Tin(Sn) Lead Finish with Nickel(Ni) Underplate
* Band Indicates Cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
SOD-323
Dimensions in inches and (millimeters)
.106 (2.7)
.091 (2.3)
.016 (0.40)
.010 (0.25)
.043 (1.10)
.031 (0.80)
.053 (1.35)
.045 (1.15)
.010 (0.25)
.002 (0.05)
.071 (1.8)
.063 (1.6)


Similar Part No. - UDZS22VB

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UDZS22VB SECOS-UDZS22VB Datasheet
343Kb / 2P
Surface Mount Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
UDZS22VB YEASHIN-UDZS22VB Datasheet
799Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
UDZS22VBW TAK_CHEONG-UDZS22VBW Datasheet
153Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - UDZS22VB

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZT52B4V3S RECTRON-BZT52B4V3S Datasheet
233Kb / 3P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 3 to 39 Volts POWER RATING 410 mWatts
BZT52C2V4 RECTRON-BZT52C2V4 Datasheet
214Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 500 mWatts
BZX84C2V4W RECTRON-BZX84C2V4W Datasheet
182Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 39Volts POWER RATING 200 mWatts
MMBZ5223BW RECTRON-MMBZ5223BW Datasheet
250Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
MMSZ4681 RECTRON-MMSZ4681 Datasheet
373Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
MMSZ5223BS RECTRON-MMSZ5223BS Datasheet
182Kb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 200 mWatts
MM1Z5221B RECTRON-MM1Z5221B Datasheet
1Mb / 4P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
logo
Micro Commercial Compon...
LLUDZS36B MCC-LLUDZS36B Datasheet
451Kb / 5P
200 mW Zener Diode 3.6 to 36 Volts
UDZS36B MCC-UDZS36B Datasheet
458Kb / 5P
200 mW Zener Diode 3.6 to 36 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com