Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS13C2 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS13C2
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C2 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS13C2 Datasheet HTML 1Page - Suntan Capacitors TS13C2 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
C H I P T Y P E S E R I E S
TS13C2
F E A T U R E S
‧
Bi-polar with general temperature 85℃
‧
Lead-free reflow soldering is available subject to customer’s request.
Non-Polarized Series
Specifications
I
T
E
M
S P E R F O R M A N C E C H A R A C T E R I S T I C S
Operating Temperature Range
-40℃ ~ +85℃
Voltage Range
6.3~50V
Capacitance Range
0.1~100μF
Capacitance Tolerance
±20% at 120Hz, 20℃
Leakage Current
After 2 minutes’ application of rated voltage, leakage current is not more than 0.05CV or 10μA, whichever is greater.
Tan δ
Measurement frequency : 120Hz, Temperature : 20℃
Rated voltage (V)
6.3
10
16
25
35
50
Tan δ (MAX)
0.24
0.20
0.17
0.17
0.15
0.15
Stability at Low Temperature
Measurement frequency : 120Hz
Rated voltage (V)
6.3
10
16
25
35
50
Impedance ratio
Z-25℃ / Z+20℃
4
3
2
2
2
2
ZT / Z20 (MAX)
Z-40℃ / Z+20℃
8
6
4
4
3
3
Load Life
After 1000 hours’ application of rated voltage
at 85℃ with the polarity inverted every 250
hours,
capacitors meet the characteristics
requirements listed at right
Capacitance Change
Within ± 20% of initial value
Tan δ
200% or less of initial specified value
Leakage Current
Initial specified value or less
Self Life
After leaving capacitors under no load at 85℃ for 1000 hours, they meet the specified value for load life characteristics listed
above.
Resistance to Soldering Heat
After reflow soldering according and restored at
room temperature, they meet the characteristics
requirements listed at right.
Capacitance Change
Within ± 10% of initial value
Tan δ
Initial specified value or less
Leakage Current
Initial specified value or less
Applicable Standards
JIS C-5141 and JIS C-5102.
Chip type
#1 Voltage mark for 6.3V is [6]
Re:Date code and series type-1st digit for year;2nd digit for Quarter,4 quarter codes in one year
are 1,4,7,o;3rd character for series,NP Series=N
(mm)
Ø
DxL
4x5.4
5x5.4
6.3x5.4
6.3x7.7
A
1.8
2.1
2.4
2.4
B
4.3
5.3
6.6
6.6
C
4.3
5.3
6.6
6.6
E±0.2
1.0
1.3
2.2
2.2
L
5.4
5.4
5.4
7.7
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13C2

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13C2 SUNTAN-TS13C2 Datasheet
354Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
TS13C2 SUNTAN-TS13C2_17 Datasheet
104Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TS13C2

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com