Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS13C2 Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TS13C2
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13C2 Datasheet(HTML) 2 Page - Suntan Capacitors

  TS13C2 Datasheet HTML 1Page - Suntan Capacitors TS13C2 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Suntan®
TS13C2
Case Size
6.3
10
16
25
35
50
WV/V
Cap/μF
0J
1A
1C
1E
1V
1H
0.1
0R1
--
--
--
--
--
--
--
--
--
--
4×5.4
1.0
0.22
R22
--
--
--
--
--
--
--
--
--
--
4×5.4
2.0
0.33
R33
--
--
--
--
--
--
--
--
--
--
4×5.4
2.8
0.47
R47
--
--
--
--
--
--
--
--
--
--
4×5.4
4.0
1
010
--
--
--
--
--
--
--
--
--
--
4×5.4
8.4
2.2
2R2
--
--
--
--
--
--
--
--
4×5.4
8.4
5×5.4
13
3.3
3R3
--
--
--
--
--
--
5×5.4
12
5×5.4
16
5×5.4
17
4.7
4R7
--
--
--
--
4×5.4
12
5×5.4
16
5×5.4
18
6.3×5.4
20
10
100
--
--
4×5.4
17
5×5.4
23
6.3×5.4
27
6.3×7.7
29
6.3×7.7
36
22
220
5×5.4
28
6.3×5.4
33
6.3×5.4
37
6.3×7.7
50
6.3×7.7
54
--
--
33
330
6.3×5.4
37
6.3×5.4
41
6.3×5.4
49
6.3×7.7
61
--
--
--
--
47
470
6.3×5.4
45
6.3×7.7
61
6.3×7.7
75
--
--
--
--
--
--
100
101
6.3×7.7
82
6.3×7.7
85
--
--
--
--
--
--
Case
size
Allowable
ripple
Allowable Ripple (mA rms) at 85℃ 120Hz
Frequency coefficient of allowable ripple current
Frequency
50Hz
120Hz
300Hz
1kHz
10kHz~
Coefficient
0.70
1.00
1.17
1.36
1.50
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com