Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA93/27 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA93/27
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA93/27 Datasheet(HTML) 4 Page - Cirrus Logic

  PA93/27 Datasheet HTML 1Page - Cirrus Logic PA93/27 Datasheet HTML 2Page - Cirrus Logic PA93/27 Datasheet HTML 3Page - Cirrus Logic PA93/27 Datasheet HTML 4Page - Cirrus Logic PA93/27 Datasheet HTML 5Page - Cirrus Logic PA93/27 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PA93/27U
P r o d u c t I n n o v a t i o n F r o m
PA93/27
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA93-27U REV A OCTOBER 2006 © 2006 Apex Microtechnology Corp.
0
25
50
75
100
125
CASE TEMPERATURE, T
C (°C)
0
75
100
POWER DERATING
100k
FREQUENCY F (Hz)
135
90
PHASE RESPONSE
100K
FREQUENCY, F (Hz)
–10
0
30
SMALL SIGNAL RESPONSE
10
20
40
50
0
6
8
OUTPUT CURRENT, I
O (A)
7
9
OUTPUT VOLTAGE SWING
6
8
1M
FREQUENCY, F (Hz)
10
100
400
0
.2
.3
.5
.6
RESISTOR VALUE, R
CL (Ω)
0
2
8
CURRENT LIMIT
4
6
10
60
EXT. COMPENSATION CAPACITOR, C
C (pF)
1
SLEW RATE
4
3
2
60
100
200 300
20
40
25
50
100
CASE TEMPERATURE, T
C (°C)
1.2
NORMALIZED QUIES. CURRENT
1.0
.1
.4
2
225
50
25
125
POWER RESPONSE
75
1M
10M
270
180
125
1.4
1.8
1.6
4
5
100K
40
20
10
8
6
30
30
1K
10K
1M
10M
C
C = 220pF
C
C = 100pF
C
C = 47pF
C
C = 10pF
FREQUENCY, F (Hz)
FREQUENCY, F (Hz)
HARMONIC DISTORTION
.01
.1
10K
100
1K
INPUT NOISE VOLTAGE
2
7
10
20
5
3
15
.001
P
O = 1W
P
O = 20W
P
O = 62W
C
C = 220pF
C
C = 100pF
C
C = 47pF
C
C = 10pF
C
C = 220pF
C
C = 100pF
C
C = 47pF
C
C = 10pF
10
100K
10K
1K
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com