Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA93/27 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA93/27
Description  High Voltage Power Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA93/27 Datasheet(HTML) 1 Page - Cirrus Logic

  PA93/27 Datasheet HTML 1Page - Cirrus Logic PA93/27 Datasheet HTML 2Page - Cirrus Logic PA93/27 Datasheet HTML 3Page - Cirrus Logic PA93/27 Datasheet HTML 4Page - Cirrus Logic PA93/27 Datasheet HTML 5Page - Cirrus Logic PA93/27 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PA93/27U
1
P r o d u c t I n n o v a t i o n F r o m
PA93/27
FEATURES
♦HIGHVOLTAGE—400V(±200V)
♦LOWQUIESCENTCURRENT—10mA
♦HIGHOUTPUTCURRENT—8A
♦PROGRAMMABLECURRENTLIMIT
APPLICATIONS
♦PIEZOELECTRICPOSITIONING
♦HIGHVOLTAGEINSTRUMENTATION
♦ELECTROSTATICTRANSDUCERS
♦PROGRAMMABLEPOWERSUPPLIESUP
TO390V
Q1
Q2
R1A
R1B
C1
R3
Q3
CC1
CC2
Q6
Q5
R5
R8
R9
Q15
R11
R12
Q16
Q12
Q8
R4
R7
Q4
ILIM
OUT
Q18
R15
Q13
Q11
+VS
–IN
+IN
–VS
R6
Q14A
Q14B
High Voltage Power Operational Amplifiers
PA93/27
P r o d u c t I n n o v a t i o n F r o m
DESCRIPTION
ThePA93/27isahighvoltage,lowquiescentcurrent
MOSFEToperationalamplifierdesignedasalowcost
solutionfordrivingcontinuousoutputcurrentsupto8A
andpulsecurrentsupto14A.Thesafeoperatingarea
(SOA)hasnosecondbreakdownlimitationsandcan
beobservedforalltypeloadsbychoosinganappropri-
atecurrentlimitingresistor.TheMOSFEToutputstage
isbiasedABforlinearoperation.Externalcompensa-
tionprovidesflexibilityinchoosingbandwidthandslew
rate for the application.APEX’s Power SIP package
usesaminimumofboardspaceallowingforhighden-
sitycircuitboards.ThePowerSIPpackageiselectri-
callyisolated.
EQUIVALENT SCHEMATIC
Copyright © Cirrus Logic, Inc. 2010
(All Rights Reserved)
www.cirrus.com
MAR 2010
APEX - PA93-27UREVD


Similar Part No. - PA93/27

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA93 APEX-PA93 Datasheet
244Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA93 CIRRUS-PA93 Datasheet
675Kb / 6P
High Voltage Power Operational Amplifiers
PA93 CIRRUS-PA93_10 Datasheet
675Kb / 6P
High Voltage Power Operational Amplifiers
More results

Similar Description - PA93/27

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com