Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTA20003R3S/EM Datasheet(PDF) 3 Page - International Rectifier

Part # HTA20003R3S/EM
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20003R3S/EM Datasheet(HTML) 3 Page - International Rectifier

  HTA20003R3S/EM Datasheet HTML 1Page - International Rectifier HTA20003R3S/EM Datasheet HTML 2Page - International Rectifier HTA20003R3S/EM Datasheet HTML 3Page - International Rectifier HTA20003R3S/EM Datasheet HTML 4Page - International Rectifier HTA20003R3S/EM Datasheet HTML 5Page - International Rectifier HTA20003R3S/EM Datasheet HTML 6Page - International Rectifier HTA20003R3S/EM Datasheet HTML 7Page - International Rectifier HTA20003R3S/EM Datasheet HTML 8Page - International Rectifier HTA20003R3S/EM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.irf.com
3
HTA-SERIES
Electrical Performance Characteristics ( continued )
For Notes to Electrical Performance Characteristics, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-35
°C ≤ TC ≤ +185°C
VIN = 200V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Input current, no load ( IIN )
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
1,3
2
IOUT = 0, Pin 4 open
IOUT = 0, Pin 4 open
20
30
mA
mA
Input current inhibited
1,2,3
Pin 4 shorted to pin 2
5.0
mA
Output ripple ( VRIP )
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
1,3
2
VIN = 150, 200, 250 Volts
IOUT = 100% rated load
Notes 4, 6
VIN = 150, 200, 250 Volts
IOUT = 100% rated load
Notes 4, 6
50
50
70
80
80
80
80
25
25
35
40
40
40
40
mV p-p
mV p-p
Switching frequency ( FS )
1,2,3
Sync. Input (Pin 4) open
500
550
650
KHz
Efficiency ( EFF )
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
1
2
3
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
IOUT = 100% rated load
Note 4
70
75
76
76
75
76
76
65
70
71
71
70
71
71
68
73
74
74
73
73
73
74
78
79
79
78
79
79
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com