Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTA20003R3S/EM Datasheet(PDF) 4 Page - International Rectifier

Part # HTA20003R3S/EM
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20003R3S/EM Datasheet(HTML) 4 Page - International Rectifier

  HTA20003R3S/EM Datasheet HTML 1Page - International Rectifier HTA20003R3S/EM Datasheet HTML 2Page - International Rectifier HTA20003R3S/EM Datasheet HTML 3Page - International Rectifier HTA20003R3S/EM Datasheet HTML 4Page - International Rectifier HTA20003R3S/EM Datasheet HTML 5Page - International Rectifier HTA20003R3S/EM Datasheet HTML 6Page - International Rectifier HTA20003R3S/EM Datasheet HTML 7Page - International Rectifier HTA20003R3S/EM Datasheet HTML 8Page - International Rectifier HTA20003R3S/EM Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.irf.com
HTA-SERIES
Electrical Performance Characteristics ( continued )
For Notes to Electrical Performance Characteristics, refer to page 5
Limits
Parameter
Group A
Subgroup
Conditions
-35
°C ≤ TC ≤ +185°C
VIN = 200V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Under Voltage Lockout
Turn-on
( input voltage rising )
Turn-off
( input voltage decreasing )
1,2,3
1,2,3
No load, Full load
Notes 1, 4
119
146
V
Synchronization
Frequency Range
Pulse Amplitude, High
Pulse Amplitude, Low
Pulse Rise Time
Pulse Duty Cycle
1,2,3
1,2,3
1,2,3
Note 1
500
2.0
-0.5
20
650
10
0.8
100
80
KHz
V
V
ns
%
Transient Recovery Specification
Transient Load Response
Half to Full Load
Transient Load Response
Full to Half Load
Transient Load Response
10% to Half Load
Transient Load Response
Half to 10% Load
4,5,6
4,5,6
4,5,6
4,5,6
Notes 4, 10, 11, 12
Overshoot
Recovery Time
Overshoot
Recovery Time
Overshoot
Recovery Time
Overshoot
Recovery Time
10
300
10
450
15
300
15
450
%
µs
%
µs
%
µs
%
µs
Enable Input ( Inhibit Function )
open circuit voltage
drive current ( sink )
voltage range
1,2,3
Note 1
3.0
-0.5
5.0
100
50
V
µA
V
Current Limit Point
Expressed as a percentage
of full rated load current
1
2
3
VOUT = 90% of Nominal, Note 4
115
105
130
175
150
220
%
Power dissipation, load fault ( PD )
1,2,3
Short Circuit, Overload, Note 8
30
W
Turn-on Response
Overshoot ( VOS)
Turn-on Delay (TDLY )
4,5,6
No Load, Full Load
Notes 4, 9
2.0
10
200
%
ms
Capacitive Load ( CL )
HTA20003R3S
HTA20005S
HTA20012S
HTA20015S
HTA20005D
HTA20012D
HTA20015D
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
2200
1000
180
120
500
90
60
µF
Line Rejection
1
MIL-STD-461, CS101
30Hz to 50KHz, Notes 1, 4
40
50
dB
Isolation
1
Input to Output or Any Pin to Case
except pin 3, test @ 500VDC
100
M
Ω
Device Weight
70
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com