Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTA20012S/EM Datasheet(PDF) 9 Page - International Rectifier

Part # HTA20012S/EM
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20012S/EM Datasheet(HTML) 9 Page - International Rectifier

Back Button HTA20012S/EM Datasheet HTML 5Page - International Rectifier HTA20012S/EM Datasheet HTML 6Page - International Rectifier HTA20012S/EM Datasheet HTML 7Page - International Rectifier HTA20012S/EM Datasheet HTML 8Page - International Rectifier HTA20012S/EM Datasheet HTML 9Page - International Rectifier HTA20012S/EM Datasheet HTML 10Page - International Rectifier HTA20012S/EM Datasheet HTML 11Page - International Rectifier HTA20012S/EM Datasheet HTML 12Page - International Rectifier HTA20012S/EM Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.irf.com
9
HTA-SERIES
Application Notes:
DC-DC converters constructed with aluminium-silicon
(ALSi) controlled expansion alloy benefit from low mass,
high thermal conductivity, and CTE match to substrates
mounted in them. The one disadvantage over traditional
cold rolled steel packages (CRS) however is that the ALSi
material is more brittle than the CRS. For this reason, it is
important to avoid using a thermal pad or gasket.
The HTA-Series DC-DC converter requires 8-32 size
screws and #8 flat washers.
The minimum recommended mouting surface flatness is
0.002” per inch.
The Procedure for mounting the converter is as follows:
1. Check all surfaces for foreign material, burrs, or
anything that may interfere with the different parts.
2. Place the converter on the mounting surface and line it
up with mounting holes.
3. Install screws using appropriate washers and tighten
by hand (~ 4 in.oz) in the sequence shown below in the
diagram.
.4. Tighten the screws with appropriate torque driver using
a controlled torque of up to 20-24 in.lb in the sequence
as shown in the diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com