Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTA20012S/EM Datasheet(PDF) 13 Page - International Rectifier

Part # HTA20012S/EM
Description  HIGH RELIABILITY DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HTA20012S/EM Datasheet(HTML) 13 Page - International Rectifier

Back Button HTA20012S/EM Datasheet HTML 6Page - International Rectifier HTA20012S/EM Datasheet HTML 7Page - International Rectifier HTA20012S/EM Datasheet HTML 8Page - International Rectifier HTA20012S/EM Datasheet HTML 9Page - International Rectifier HTA20012S/EM Datasheet HTML 10Page - International Rectifier HTA20012S/EM Datasheet HTML 11Page - International Rectifier HTA20012S/EM Datasheet HTML 12Page - International Rectifier HTA20012S/EM Datasheet HTML 13Page - International Rectifier HTA20012S/EM Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
www.irf.com
13
HTA-SERIES
Mechanical Diagram
1.000
Ref.
0.200 Typ.
Non-cum.
Pin
Ø 0.040
0.245
0.250
4.000 MAX.
3.600
2.500
1.100
1.500
0.200
Ø0.266
0.238 MAX.
0.430
Max.
0.075
NOTES: UNLESS OTHERWISE SPECIFIED, DIMENSIONAL TOLERANCE IS: 0.005"
1
2
3
4
5
6
12
11
10
9
8
7
Pin Designation (Single/Dual)
* Trim pin for Single Output models is reserved for future use.
This pin must not be used or connected for any purpose.
Pin #
Single
Dual
1
DC Input
DC Input
2
Input Return
Input Return
3Case
Case
4
Enable
Enable
5
Sync. Output
Sync. Output
6
Sync. Input
Sync. Input
7
+ Output
+ Output
8
Output Return
Output Return
9
- Sense
- Output
10
+ Sense
N/C
11
Trim *
Trim
12
N/C
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com