Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G43C Datasheet(PDF) 1 Page - TOCOSAMERICA, INC.

Part # G43C
Description  4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43C Datasheet(HTML) 1 Page - TOCOSAMERICA, INC.

  G43C Datasheet HTML 1Page - TOCOSAMERICA, INC. G43C Datasheet HTML 2Page - TOCOSAMERICA, INC. G43C Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . . 50Ω to 2MΩ
(standard 1, 2 & 5 sequence)
Resistance Tolerance . . . . . . . . . . . . . . . . .
20% standard
10% optional for 100Ω to 1MΩ
End Resistance . . . . . . . . . . 1% or 3Ω, whichever is greater
Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . B = Linear
Peak Noise (C.R.V.) . . . . . . . 2% or 3Ω, whichever is greater
Power Rating . . . . . . . 0.25 watt at
70 C; 0 watt at
125 C
Maximum Input Voltage . . . . . . . . 200VDC or power rating,
whichever is smaller
Temperature Coefficient . . . .
100 ppm / C, 200Ω to 1MΩ
250 ppm / C, other values
Insulation Resistance . . . . . . . 100MΩ minimum at 500VDC
Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute
Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 200
10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 240
10
Shaft Torque . . . . . . . . . . . . . . . 150 gf • cm (2.08 oz • in) max.
Stop Strength . . . . . . . . . . . . . . 300 gf • cm (4.16 oz • in) min.
Flammability of Plastic Materials . . . . . . Meets UL 94V-0
Nominal Weight . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.16g
Marking . . . . . . . . . . . . Resistance value or code, date code
Environmental
Temperature Range . . . . . . . . . . . . . . . . .
55 Cto
125 C
Low Temperature Operation . . . . . . . . .
55 C, 0.25 watt,
45 minutes
∆T/R ) 2%, S.S. ) 2%
High Temperature Exposure . . . . . . . . .
125 C, 250 hours
∆T/R ) 2%, S.S. ) 2%
Load Life . . . . . . . . . . . . . . . .
70 C, 0.25 watt, 1,000 hours
∆T/R ) 3%, S.S. ) 2%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . .
55 C, 125 C,
30 minutes each, 5 cycles
∆T/R ) 2%, S.S. ) 1%
Shock . . . . . . . . . . . . 100G, 6ms, 6 directions, 3 times each
∆T/R ) 1%, S.S. ) 1%
Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude,
20G, 12 hours
∆T/R ) 1%, S.S. ) 1%
Humidity . . . . . . . . . . . . . . . . . . . . . . . .
40 C, 90-95%RH,
0.25 watt, 500 hours
∆T/R ) 3%, S.S. ) 2%
Moisture Resistance . . . . . .
10 C to
65 C, 80-98%RH,
0.25 watt, 10 cycles, 240 hours
∆T/R ) 3%
Soldering Heat Resistance . . . . . . . . . . 260 C, 10 seconds
∆T/R ) 1%
Seal Test . . . . . . . . . . . . . . . .
85 C, hot water for 1 minute
Rotational Life . . . .100 cycles without discontinuity, no load
∆T/R ) 5%
∆T/R = Total Resistance Change; S.S. = Setting Stability ( voltage ratio )
G43C Series
4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
TOCOS®
POTENTIOMETERS
For surface mount models of the G43C series,
refer to the G43 Series.
Features
4mm square, single-turn, through-hole, sealed cermet trimmers
Top and bottom cross-slot adjustment
Space-saving G43 series SMD-sized units with through-hole terminals
High setting accuracy, zero backlash
Meets EIA, EIAJ, IPC, VECI standard SMD trimmer designs
Pb-free and Cd-free construction
RoHS compliant
Gold-plated leads provide high conductivity, low contact resistance, high corrosion resistance and good solderability
RoHS Compliant
IMPROVED DESIGN
Pb-Free and Cd-Free
Effective Date Feb. 2005


Similar Part No. - G43C

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
logo
Shenzhen Taychipst Elec...
G43 TAYCHIPST-G43 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
Mercury United Electron...
G43 MERCURY-G43 Datasheet
69Kb / 1P
Voltage Controlled Crystal Oscillators
logo
GTM CORPORATION
G431 GTM-G431 Datasheet
282Kb / 3P
Adjustable Shunt Regulator
logo
E-Tech Electronics LTD
G431 ETL-G431 Datasheet
292Kb / 3P
A d j u s t a b l e S h u n t R e g u l a t o r
More results

Similar Description - G43C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
1/4" Square Single-Turn Cermet Sealed Trimmers
24-Jan-07
logo
TOCOSAMERICA, INC.
G43 TOCOS-G43 Datasheet
274Kb / 8P
4mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
GF04 TOCOS-GF04 Datasheet
198Kb / 4P
4mm Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF12 TOCOS-GF12 Datasheet
538Kb / 11P
12mm Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063 TOCOS-GF063 Datasheet
793Kb / 12P
1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GF063-K TOCOS-GF063-K Datasheet
520Kb / 9P
1/4?쇺? Square, Single-Turn, Through-Hole Sealed Cermet Trimmers
GV6 TOCOS-GV6 Datasheet
298Kb / 5P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
RJC26 TOCOS-RJC26 Datasheet
161Kb / 3P
1/4??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com