Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G43C Datasheet(PDF) 2 Page - TOCOSAMERICA, INC.

Part # G43C
Description  4mm Square, Single-Turn, Through-Hole, Sealed Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOCOS [TOCOSAMERICA, INC.]
Direct Link  http://www.tocos.com
Logo TOCOS - TOCOSAMERICA, INC.

G43C Datasheet(HTML) 2 Page - TOCOSAMERICA, INC.

  G43C Datasheet HTML 1Page - TOCOSAMERICA, INC. G43C Datasheet HTML 2Page - TOCOSAMERICA, INC. G43C Datasheet HTML 3Page - TOCOSAMERICA, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
TOCOS AMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173
Tel: 847-884-6664
Fax: 847-884-6665
E-mail: sales@tocos.com
www.tocos.com
TOCOS AMERICA, INC.
Dimensions
G43C Series
G43C Through-Hole, C Terminal Style, Top Adjust
G43CF Through-Hole, CF Terminal Style, Bottom Adjust
C Pin-Out
CF Pin-Out
(2.3)
5.0 0.3
2.5
0.3,
0
TOCOS
503
05
4.5
0.3
5.0 0.3
3.1 0.3
#1
#3
#2
(2)
3.5 1.0
(t= 0.18)
1.2
0.15
(0.34)
(0.34)
(2) 0.8
0.15
(2.3)
6.0
0.3
2.5
0.3,
0
TOCOS
503
05
4.5
0.3
5.0 0.3
3.1 0.3
2.5
0.2
#1
#3
#2
(2)
(t= 0.18)
1.2
0.15
(.84)
(.84)
(2) 0.8
0.15
#3
#2
#1
2.5
5.0
Ø
1.0 max.
(3 holes)
#3
#2
#1
2.5
6.0
Ø
1.0 max.
(3 holes)
Ø
2.8
Recommended PCB Layouts
Unit: mm
Unit: mm
Effective Date Feb. 2005
G43C & G43CF
Unit: mm
Cross-Slot Dimensions
Electrical Schematic
#2
wiper
#3 cw
clockwise
ccw
#1
0.55
0.55
0.72
0.55
1.9
2.3
Cross-Slot accepts both
Philips and single blade
adjustment tools.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com