Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSVC Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TSVC
Description  MULITLAYER CHIP VARISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSVC Datasheet(HTML) 1 Page - Suntan Capacitors

  TSVC Datasheet HTML 1Page - Suntan Capacitors TSVC Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MULITLAYER CHIP VARISTOR
Suntan®
TSVC
Applications
TSVC is widely used in Notebook, PDA, Cellular
Phone, MP3,Main board, LCM, HUB, Microphone,
Wireless LAN, VOIP, Auto electronic and so on.
F E A T U R E S
Fast responsibility
Low working voltage
Low capacitance
Low leakage current
 Low clampin voltage
 Bi-directional
 Suit to reflow soldering ,wave
soldering hand solderin.
Dimensions (unit: inches)
Size
Length(L)
Width(W)
0402
0.04
0.02
0603
0.06
0.03
0805
0.08
0.05
1206
0.12
0.06
1210
0.12
0.10
1808
0.18
0.08
1812
0.18
0.12
2225
0.22
0.25
How To Order
TSVC
0603
G
140
P
C
T
Series Name
Size Code Inches.
Series Code
E:ESD, G:Normal, H:Highpower
VDC
140=14V, 5R6=5.6V
Termination
S=Ag
P=Ag/Ni/Sn
Nominal Cap
A:0~5pF,
B:5.1~10pF,
C:10.1~50pF,
D:50.1~100pF,
E:100.1~500pF,
F:500.1~1000pF,
G:1000.1~1500pF,
H:1500.1~2000pF
Package Style: T=tape
C=bulk
Static Discharge Susceptibility of Some Normal Devices
Recommend Item for System Data 1/0 Used
Device description
Data Rate & Frequency
Rise time
Capacitance
USB 2.0 Data Port
480M bps
0.5~0.6ns
< 4pF
USB 1.1 Data Port
12M bps
4~20ns
5~10pF
Wireless Device
1.5M bps
75~300ns
5~10pF
RS232, 1rDA1.0
115.0K
1 us~8us
10~100pF
Audio(Microphone/Speaker)
20~20KHz
0.05ms~5ms
10~1000pF
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSVC

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TSVC TRANSKO-TSVC Datasheet
485Kb / 2P
FR4 PCB BASED 4PAD SMD CMOS/TTL/SW VCXO (14.3 x 8.7 x 5.5mm)
Rev. 2: Feb. 2015
logo
Suntan Capacitors
TSVC0603E240PAT SUNTAN-TSVC0603E240PAT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603E5R0PAT SUNTAN-TSVC0603E5R0PAT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0603G5R6PXT SUNTAN-TSVC0603G5R6PXT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
TSVC0805G180PXT SUNTAN-TSVC0805G180PXT Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
More results

Similar Description - TSVC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.24.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.24.12
logo
Suntan Capacitors
TSVC SUNTAN-TSVC_17 Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
logo
Shanghai Leiditech Elec...
LDT3225-391K LEIDITECH-LDT3225-391K Datasheet
694Kb / 5P
Specifications for Chip Varistor
LDT4635-391K LEIDITECH-LDT4635-391K Datasheet
1Mb / 5P
Specifications for Chip Varistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com