Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSVC Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TSVC
Description  MULITLAYER CHIP VARISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSVC Datasheet(HTML) 2 Page - Suntan Capacitors

  TSVC Datasheet HTML 1Page - Suntan Capacitors TSVC Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MULITLAYER CHIP VARISTOR
Suntan®
TSVC
Working
Voltage
Varistor Voltage
V1mA(V)
Clamping
Voltage
VC(V)
Peak
Current
IP(A)
Transient
Energy
ET(J)
Capacitance
CP(pF)
Part No
VDC(V)
Min.
Max.
8/20Us
8/20Us
10/1000us
1KHz/1V
TSVC0402-E5R6PCT
5.6
6.4
11.0
20.0
1
0.01
33
TSVC0402-E5R6PDT
5.6
6.4
11.0
20.0
1
0.01
82
TSVC0402-E8R0PCT
8.0
10.0
16.0
28.0
1
0.01
33
TSVC0402-E8R0PET
8.0
10.0
16.0
28.0
1
0.01
100
TSVC0402-E120PBT
12.0
14.4
24.0
32.0
1
0.01
10
TSVC0402-E120PCT
12.0
14.4
24.0
32.0
1
0.01
33
TSVC0402-E120PDT
12.0
14.4
24.0
32.0
1
0.01
82
TSVC0402-E140PCT
14.0
16.8
28.0
55.0
1
0.01
33
TSVC0402-E140PET
14.0
16.8
28.0
55.0
1
0.01
100
TSVC0402-E180PCT
18.0
21.6
36.0
75.0
1
0.01
33
TSVC0402-E240PAT
24.0
102.0
138.0
240.0
1
0.01
2.5
TSVC0402-E380PAT
38.0
50.0
80.0
160.0
1
0.01
4.5
TSVC0603-E5R5PFT
5.5
6.4
11.0
20.0
1
0.01
820
TSVC0603-E5R5PDT
5.5
6.4
11.0
20.0
1
0.01
75
TSVC0603-G9R0PFT
9.0
10.8
15.3
25.0
30
0.1
TSVC0603-G110PET
11.0
13.2
18.7
30.0
30
0.1
2—180000pF “Reference
Capacitor” is
For references.
TSVC0603-E140PDT
14.0
20.4
27.6
55.0
1
0.01
82
TSVC0603-E140PCT
14.0
20.4
36.8
55.0
1
0.01
33
TSVC0603-E180PBT
18.0
27.2
36.8
75.0
1
0.01
10
TSVC0603-G180PET
18.0
21.6
27.0
54.0
30
0.1
TSVC0603-G220PET
22.0
26.4
33.0
65.0
30
0.1
2—180000pF “Reference
Capacitor” is
For references.
TSVC0603-E240PAT
24.0
102.0
138.0
240.0
1
0.01
2.5
TSVC0603-G260PET
26.0
31.2
39.0
75.0
30
0.1
TSVC0603-G300PET
30.0
36.0
45.0
85.0
30
0.1
TSVC0805-G5R6PFT
5.6
6.4
10.1
15.5
40
0.1
TSVC0805-G9R0PFT
9.0
10.8
15.3
25.0
40
0.1
TSVC0805-G110PET
11.0
13.2
18.7
30.0
40
0.1
TSVC0805-G140PET
14.0
16.8
23.8
40.0
40
0.1
TSVC0805-G180PET
18.0
21.6
27.0
54.0
40
0.1
TSVC0805-G220PET
22.0
26.4
33.0
65.0
40
0.1
TSVC0805-G260PET
26.0
31.2
39.0
75.0
40
0.1
TSVC0805-G300PET
30.0
36.0
45.0
85.0
40
0.1
TSVC1206-G9R0PFT
9.0
10.8
15.3
25.0
100
1.0
TSVC1206-G140PET
14.0
16.8
23.8
40.0
100
1.0
TSVC1206-G180PFT
18.0
21.6
27.0
54.0
100
1.0
TSVC1206-G220PFT
22.0
26.4
33.0
62.0
100
1.0
TSVC1206-G240PET
24.0
28.8
36.0
67.0
100
1.0
TSVC1206-G260PET
26.0
31.2
39.0
73.0
100
1.0
TSVC1206-G300PET
30.0
36.0
45.0
85.0
100
1.0
TSVC1206-G390PET
39.0
46.8
58.5
105.0
100
1.0
TSVC1206-G560PET
56.0
67.2
84.0
150.0
100
1.0
TSVC1206-G750PET
75.0
90.0
105.0
200.0
100
1.0
TSVC1210-G140PGT
14.0
16.8
23.8
40.0
250
1.5
TSVC1210-G180PGT
18.0
21.5
27.0
51.0
250
1.5
TSVC1210-G220PGT
22.0
26.4
33.0
62.0
250
1.5
TSVC1210-G270PGT
27.0
32.4
40.5
75.0
250
1.5
TSVC1210-G300PGT
30.0
36.0
45.0
85.0
250
1.5
TSVC1210-G450PGT
45.0
54.0
67.5
125
250
1.5
TSVC2220-H220PXT
22.0
26.4
33.0
62.0
1200
7.8
TSVC2220-H270PXT
27.0
32.4
40.5
75.0
1200
7.8
TSVC2220-H300PXT
30.0
36.0
45.0
85.0
1200
7.8
2—180000pF “Reference
Capacitor” is
For references.
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com