Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS86 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # BAS86
Description  0.2A Surface-mount Small-signal Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

BAS86 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  BAS86 Datasheet HTML 1Page - Silicon Standard Corp. BAS86 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.SiliconStandard.com
1 of 2
FEATURES
MECHANICAL DATA
Rating at 25°C ambient temperature unless otherwise specified.
Notes: 1. Valid as long as the electrodes are maintained at 25°C.
MAXIMUM RATINGS
Pb-free, RoHS compliant.
0.2A Surface-mount Small-signal Schottky Diode
Voltage range 50 Volts
Popular small Mini-MELF package
Dissipation 200mW at TA = 25°C
PRODUCT SUMMARY
BAS86
10/1/2006 Rev.3.01
SOD-80 (Mini-MELF)
Dimensions in inches and (millimeters)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
s
u
o
u
n
i
t
n
o
CV
R
0
5s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
s
u
o
u
n
i
t
n
o
c
d
r
a
w
r
o
F
b
m
a
5
2
=
oCI
F
00
2
(Note 1)
mA
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
p
e
v
i
t
i
t
e
p
e
R
,
s
1
<
p
t
t
a
d
<
T
,
5
.
0
b
m
a
5
2
=
oC
I
M
R
F
00
5
(Note 1)
mA
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oCP
t
o
t
00
2
(Note 1)
mW
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
R
θ A
J
300 (Note 1)
°C/W
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
2
1
°C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
n
i
t
a
r
e
p
o
t
n
e
i
b
m
A
T
b
m
a
5
2
1
+
o
t
5
6
-
°C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
T
S
0
5
1
+
o
t
5
6
-
°C
For general-purpose applications.
This diode features low turn-on voltage.
This Schottky barrier device is protected by a PN junction
guard ring against excessive voltage, such as
electrostatic discharges
The low forward voltage drop and fast switching make it ideal for
protecting MOS devices, or as steering, biasing and coupling
diodes for fast switching and low logic level applications.
This diode is also available in the DO-35 case as a BAT86.
Case: MiniMELF glass case (SOD-80)
Weight: approx. 0.05g
Cathode band color: Green


Similar Part No. - BAS86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS86 PHILIPS-BAS86 Datasheet
28Kb / 6P
Schottky barrier diode
1996 Oct 01
logo
Vishay Siliconix
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
231Kb / 5P
Small Signal Schottky Diode
03-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BAS86 SEMTECH_ELEC-BAS86 Datasheet
194Kb / 3P
SCHOTTKY BARRIER DIODE
logo
GOOD-ARK Electronics
BAS86 GOOD-ARK-BAS86 Datasheet
60Kb / 2P
Small-Signal Diode Schottky Diode
More results

Similar Description - BAS86

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS Datasheet
103Kb / 3P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30810 Rev. 2 - 2
logo
SeCoS Halbleitertechnol...
BAT54X SECOS-BAT54X_12 Datasheet
231Kb / 2P
0.2A , 30V Surface Mount Schottky Barrier Diode
logo
Formosa MS
FM501V-NL FORMOSA-FM501V-NL Datasheet
97Kb / 7P
100mA Surface Mount Small Signal Schottky Diode-40V
FM551V-NL FORMOSA-FM551V-NL Datasheet
152Kb / 7P
500mA Surface Mount Small Signal Schottky Diode-30V
FM723-NL FORMOSA-FM723-NL Datasheet
91Kb / 7P
200mA Surface Mount Small Signal Schottky Diode-30V
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
30mA Surface Mount Small Signal Schottky Diode- 40V
RB520G FORMOSA-RB520G_10 Datasheet
171Kb / 7P
100mA Surface Mount Small Signal Schottky Diode- 30V
logo
Cystech Electonics Corp...
BAT54C2 CYSTEKEC-BAT54C2 Datasheet
327Kb / 6P
0.2A surface mount Schottky diode
logo
SeCoS Halbleitertechnol...
BAT54DW SECOS-BAT54DW Datasheet
184Kb / 2P
0.2A, 30V Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
BAT54LPS DIODES-BAT54LPS_17 Datasheet
311Kb / 5P
0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com